Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83195BG-341 Datasheet(PDF) 15 Page - Winbond

Part # W83195BG-341
Description  WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195BG-341 Datasheet(HTML) 15 Page - Winbond

Back Button W83195BG-341 Datasheet HTML 11Page - Winbond W83195BG-341 Datasheet HTML 12Page - Winbond W83195BG-341 Datasheet HTML 13Page - Winbond W83195BG-341 Datasheet HTML 14Page - Winbond W83195BG-341 Datasheet HTML 15Page - Winbond W83195BG-341 Datasheet HTML 16Page - Winbond W83195BG-341 Datasheet HTML 17Page - Winbond W83195BG-341 Datasheet HTML 18Page - Winbond W83195BG-341 Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
W83195BR-341/W83195BG-341
CLOCK GEN. FOR VIA P4/KT SERIES CHIPSET
Publication Release Date: March, 2006
- 11 -
Revision 1.1
Table-2
REGISTER 1 /BIT 6
L_MODE
REGISTER 9/BIT6
SEL_CLKSTOP
PIN 26
PIN8
PIN18
0
0(default)
PD#
AGP2
PCI6
0
1
PD#
PCI_STOP#
CLK_STOP#
1
0
RESET#
AGP2
PCI6
1
1
RESET#
AGP2
PCI6
Table-3 CPU, AGP, PCI divider ratio selection Table
DS2~DS0
CPU
AGP
PCI
000
2
5
10
001
2
6
12
010
3
6
12
011
4
6
12
100
6
6
12
101
3
7
14
110
4
8
16
111
4
10
20
7.10 Register 10: Control (Default: 0Ah)
BIT
NAME
PWD
FUNCTION DESCRIPTION
7
EN_MN_PROG
0
0: Output frequency depend on frequency table
1: Program all clock frequency by changing M/N value
The equation is VCO =14.318MHz*(N+4)/ M.
6
N<10>
0
Programmable N divisor value bit 10
5
Reserve
0
4
Reserve
0
Reserved
3
IVAL<3>
1
2
IVAL<2>
0
1
IVAL<1>
1
0
IVAL<0>
0
Charge pump current selection


Similar Part No. - W83195BG-341

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BG-101 WINBOND-W83195BG-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
W83195BG-118 WINBOND-W83195BG-118 Datasheet
361Kb / 28P
   Clock Generator
More results

Similar Description - W83195BG-341

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
W83176R-733 WINBOND-W83176R-733 Datasheet
287Kb / 14P
   Winbond Dual Bank DDR BUFFER For VIA CHIPSET
logo
Renesas Technology Corp
HD151TS206SS RENESAS-HD151TS206SS Datasheet
193Kb / 34P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
HD151TS207SS RENESAS-HD151TS207SS Datasheet
210Kb / 38P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
logo
Winbond
W83195CG-NP WINBOND-W83195CG-NP Datasheet
556Kb / 23P
   Winbond Clock Generator
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83195WG-382 WINBOND-W83195WG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com