Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83195BG-341 Datasheet(PDF) 10 Page - Winbond

Part # W83195BG-341
Description  WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195BG-341 Datasheet(HTML) 10 Page - Winbond

Back Button W83195BG-341 Datasheet HTML 6Page - Winbond W83195BG-341 Datasheet HTML 7Page - Winbond W83195BG-341 Datasheet HTML 8Page - Winbond W83195BG-341 Datasheet HTML 9Page - Winbond W83195BG-341 Datasheet HTML 10Page - Winbond W83195BG-341 Datasheet HTML 11Page - Winbond W83195BG-341 Datasheet HTML 12Page - Winbond W83195BG-341 Datasheet HTML 13Page - Winbond W83195BG-341 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
W83195BR-341/W83195BG-341
CLOCK GEN. FOR VIA P4/KT SERIES CHIPSET
- 6 -
5.7 Power an GND Pins
PIN
PIN NAME
TYPE
DESCRIPTION
5
VDDAGP
PWR
3.3V power supply for AGP.
16
VDDPCI
PWR
3.3V power supply for PCI.
22
VDD48
PWR
3.3V power supply for 48MHz.
23
VDD
PWR
3.3V power supply analog core.
34,40
VDDD
PWR
3.3V or 2.5V power for DRAM buffer part.
50
VDDI
PWR
2.5V power supply for CPUCS_T/C.
51
VDDC
PWR
3.3V power supply for CPUT/C.
55
VDDR
PWR
3.3V power supply for REF
2,9,13,19,24,33,39,47,54
GND
PWR
Ground pin for 3.3 V


Similar Part No. - W83195BG-341

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BG-101 WINBOND-W83195BG-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
W83195BG-118 WINBOND-W83195BG-118 Datasheet
361Kb / 28P
   Clock Generator
More results

Similar Description - W83195BG-341

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
W83176R-733 WINBOND-W83176R-733 Datasheet
287Kb / 14P
   Winbond Dual Bank DDR BUFFER For VIA CHIPSET
logo
Renesas Technology Corp
HD151TS206SS RENESAS-HD151TS206SS Datasheet
193Kb / 34P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
HD151TS207SS RENESAS-HD151TS207SS Datasheet
210Kb / 38P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
logo
Winbond
W83195CG-NP WINBOND-W83195CG-NP Datasheet
556Kb / 23P
   Winbond Clock Generator
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83195WG-382 WINBOND-W83195WG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com