Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A203B/SUR/S530-A3 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # A203B/SUR/S530-A3
Description  5.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A203B/SUR/S530-A3 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  A203B/SUR/S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A203B/SUR/S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A203B/SUR/S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A203B/SUR/S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A203B/SUR/S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A203B/SUR/S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd A203B/SUR/S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5.0mm Round Type LED Lamps
A203B/SUR/S530-A3
Packing Quantity Specification
1. 200PCS/1Plate,4plates/1Box
2. 10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don't reproduce or cause anyone to reproduce them without EVERLIGHT 'sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
2
Page: 6 0f 6
Device Number :
CDAE-020-017
Prepared date:
2005/8/26
Prepared by:
LongWeiXiong
RoHS
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
A203B/SUR/S530-A3


Similar Part No. - A203B/SUR/S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A203B/SYG/S530-E2 EVERLIGHT-A203B/SYG/S530-E2 Datasheet
93Kb / 6P
   5mm 1Pcs Circuit Board Indicator
More results

Similar Description - A203B/SUR/S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7343-2SYGD-S530-E3 EVERLIGHT-7343-2SYGD-S530-E3 Datasheet
118Kb / 6P
   5.0mm Round Type LED Lamps
1383SDRD-S530-A3 EVERLIGHT-1383SDRD-S530-A3 Datasheet
123Kb / 6P
   5.0mm Round Type LED Lamps
1383SURT-S530-A3 EVERLIGHT-1383SURT-S530-A3 Datasheet
105Kb / 6P
   5.0mm Round Type LED Lamps
333-2SURC-S530-A2 EVERLIGHT-333-2SURC-S530-A2 Datasheet
72Kb / 4P
   5.0mm Round Type LED Lamps
383-2SUBC EVERLIGHT-383-2SUBC Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470 EVERLIGHT-383-2SUBC-C470 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470-S400 EVERLIGHT-383-2SUBC-C470-S400 Datasheet
123Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A5 EVERLIGHT-383-2SUGC-S400-A5 Datasheet
117Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A7 EVERLIGHT-383-2SUGC-S400-A7 Datasheet
94Kb / 6P
   5.0mm Round Type LED Lamps
383-2SURC-S530-A4 EVERLIGHT-383-2SURC-S530-A4 Datasheet
97Kb / 6P
   5.0mm Round Type LED Lamps
383-2USOC-S400-A7 EVERLIGHT-383-2USOC-S400-A7 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com