Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A203B-SUR-S530-A3 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part No. A203B-SUR-S530-A3
Description  5.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A203B-SUR-S530-A3 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  A203B-SUR-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A203B-SUR-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A203B-SUR-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A203B-SUR-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A203B-SUR-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A203B-SUR-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd A203B-SUR-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5.0mm Round Type LED Lamps
A203B/SUR/S530-A3
Reliability test items and conditions:
NO
Item
Test Conditions
Sample
Size
1
Solder Heat
TEMP : 260℃ ± 5 ℃
76 PCS
H : +100℃ 15min
2
Temperature Cycle
∫ 5 min
76 PCS
L : -40℃ 15min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
76 PCS
L : -10℃ 5min
4
High Temperature Storage
TEMP : 100℃
76 PCS
5
Low Temperature Storage
TEMP : -40℃
76 PCS
TEMP : 25℃
IF = 20mA
7
High Temperature / High
Humidity
85℃ / 85% RH
76 PCS
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
2
Page: 5 of 6
Device Number :
CDAE-020-017
Prepared date:
Prepared by:
LongWeiXiong
0/1
76 PCS
300 CYCLES
300 CYCLES
1000 HRS
1000 HRS
1000 HRS
6
DC Operating Life
Ac/Re
0/1
0/1
0/1
0/1
0/1
0/1
2005/8/26
1000 HRS
Test
Hours/Cycle
SEC


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
7324-15SUGC-S400-A55.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
7324-15SUBC-S400-X95.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
A253B-G5.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
A203B-UY-S530-A35.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
333-2SURC5.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
DLE-032-0165.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
336VYVGW5.0mm Multi-Color Round Type LED Lamps 1 2 3 4 5 Everlight Electronics Co., Ltd
7343-2USRC-S10605.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
7324-15SURC-S400-A65.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
6324-15SUBC-S400-X94.6mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn