Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS312XJXXDBV Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS312XJXXDBV
Description  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS312XJXXDBV Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS312XJXXDBV Datasheet HTML 5Page - Texas Instruments TPS312XJXXDBV Datasheet HTML 6Page - Texas Instruments TPS312XJXXDBV Datasheet HTML 7Page - Texas Instruments TPS312XJXXDBV Datasheet HTML 8Page - Texas Instruments TPS312XJXXDBV Datasheet HTML 9Page - Texas Instruments TPS312XJXXDBV Datasheet HTML 10Page - Texas Instruments TPS312XJXXDBV Datasheet HTML 11Page - Texas Instruments TPS312XJXXDBV Datasheet HTML 12Page - Texas Instruments TPS312XJXXDBV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
2.5
1.5
1
0
0
5
10
15
2.75
3
3.3
20
25
30
2.25
2
1.75
1.25
0.75
0.5
0.25
IOL − Low-Level Output Current − mA
TPS3125L30
VDD = 3.3 V
MR = Open
TA = 85°C
TA = 25°C
TA = −40°C
TA = 0°C
0.8
0.6
0.4
0
0
−1
−2
−3
1.2
1.4
1.6
−4
−5
1
0.2
IOH − High-Level Output Current − mA
TPS3123J12
VDD = 1.5 V
MR = Open
TA = 85°C
TA = 25°C
TA = −40°C
TA = 0°C
1.75
1.25
0.5
0
0
−5
−10
−15
2.25
3.4
−20
−25
−30
3
2.75
2.5
2
1.5
1
0.75
0.25
IOH − High-Level Output Current − mA
TPS3123J12
VDD = 3.3 V
MR = Open
TA = 85°C
TA = 25°C
TA = −40°C
TA = 0°C
−40
−20
0
20
40
60
80
TA − Free-Air Temperature − °C
TPS312xJ12
1.002
1.001
0.999
1.005
1.004
1.003
1
0.998
TPS3123-xx
TPS3124-xx, TPS3125-xx
TPS3126-xx, TPS3128-xx
SLVS227D – AUGUST 1999 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
LOW-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
LOW-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 6.
Figure 7.
HIGH-LEVEL OUTPUT VOLTAGE
NORMALIZED INPUT THRESHOLD VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
FREE-AIR TEMPERATURE
Figure 8.
Figure 9.
9
Submit Documentation Feedback


Similar Part No. - TPS312XJXXDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3123 TI-TPS3123 Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123 TI-TPS3123 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-xx TI1-TPS3123-xx Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS312XJXXDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3125L30DBVTG4 TI-TPS3125L30DBVTG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12 TI-TPS3123J12 Datasheet
229Kb / 13P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com