Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A203B-UY-S530-A3 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part No. A203B-UY-S530-A3
Description  5.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

A203B-UY-S530-A3 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5.0mm Round Type LED Lamps
A203B/UY/S530-A3
Features :
Low power consumption
High efficiency and low cost
Good control and free combinations
on the colors of LED lamps
Good lock and easy to assembly
Stackable and easy to assembly
Stackable vertically and easy to assembly
Versatile mounting on P.C board or panel
Stackable horizontally and easy to assembly
Pb free
The product itself will remain within RoHS compliant version.
Descriptions :
ARRAY=Plastic Holder+Combinations of Lamps
The array will easily mount the applicable lamps on any panel up to
Applications :
1.Used as indicators of indicating the Degree, Functions, Positions etc, in electronic instruments.
Chip
Material
Emitted Color
333-2UYD/S530-A3
AlGaInP
Super Yellow
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
2
Page: 1 of 6
Device Number :
CDAE-020-015
Prepared date:
2005/8/26
Prepared by:
LongWeiXiong
BG0308042,R0302538
Lens Color
Yellow Diffused
PART NO.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
7324-15SUGC-S400-A55.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
7324-15SUBC-S400-X95.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
A253B-G5.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
333-2SURC5.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
DLE-032-0165.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
336VYVGW5.0mm Multi-Color Round Type LED Lamps 1 2 3 4 5 Everlight Electronics Co., Ltd
7343-2USRC-S10605.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
7324-15SURC-S400-A65.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
A214B-UY-S530-A33.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
3294-15SUBC3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn