Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A203B-UY-S530-A3 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part No. A203B-UY-S530-A3
Description  5.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A203B-UY-S530-A3 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  A203B-UY-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
DATA SHEET
PART NO.
A203B/UY/S530-A3
DATE
2005/8/26
DEPARTMENT :
CHR&D1
.
REVISION
2
RECEIVED
■ MASS PRODUCTION
□ PRELIMINARY
□ CUSTOMER DESIGN
DEVICE NUMBER :
CDAE-020-015
PAGE :
6
CUSTOMER
DESIGNER
CHECKER
APPROVER
REV.
DESCRIPTION
RELEASE DATE
OFFICE: 7C BUILDING, LIAN HUA PORT INDUSTRIAL DISTRICT, LIAN HUA SHAN
BONDED PRICESSING ZONE PAN YU, GUANG ZHU, CHINA
TEL. : (020)84860913,84860914
FAX : (020)84860600
http : //www.everlight.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
7324-15SUGC-S400-A5 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
7324-15SUBC-S400-X9 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
A253B-G 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
333-2SURC 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
DLE-032-016 5.0mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
336VYVGW 5.0mm Multi-Color Round Type LED Lamps 1  2  3  4  5  Everlight Electronics Co., Ltd
7343-2USRC-S1060 5.0mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
7324-15SURC-S400-A6 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
A214B-UY-S530-A3 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
3294-15SUBC 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn