Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A203B-UY-S530-A3 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part No. A203B-UY-S530-A3
Description  5.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A203B-UY-S530-A3 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  A203B-UY-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5.0mm Round Type LED Lamps
A203B/UY/S530-A3
Packing Quantity Specification
1. 200PCS/1Bag,4Bags/1Box
2. 10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed wi
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don't reproduce or cause anyone to reproduce them without EVERLIGHT 'sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
2
Page: 6 0f 6
Device Number :
CDAE-020-015
Prepared date:
2005/8/26
Prepared by:
LongWeiXiong
RoHS
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
A203B/UY/S530-A3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
7324-15SUGC-S400-A55.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
7324-15SUBC-S400-X95.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
A253B-G5.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
333-2SURC5.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
DLE-032-0165.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
336VYVGW5.0mm Multi-Color Round Type LED Lamps 1 2 3 4 5 Everlight Electronics Co., Ltd
7343-2USRC-S10605.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
7324-15SURC-S400-A65.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
A214B-UY-S530-A33.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
3294-15SUBC3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn