Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A203B-UY-S530-A3 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part No. A203B-UY-S530-A3
Description  5.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

A203B-UY-S530-A3 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5.0mm Round Type LED Lamps
A203B/UY/S530-A3
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
2
Page: 4 of 6
Device Number :
CDAE-020-015
Prepared date:
Prepared by: LongWeiXiong
2005/8/26


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
7324-15SUGC-S400-A55.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
7324-15SUBC-S400-X95.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
A253B-G5.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
333-2SURC5.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
DLE-032-0165.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
336VYVGW5.0mm Multi-Color Round Type LED Lamps 1 2 3 4 5 Everlight Electronics Co., Ltd
7343-2USRC-S10605.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
7324-15SURC-S400-A65.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
A214B-UY-S530-A33.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
3294-15SUBC3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn