Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A203B-UY-S530-A3 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part No. A203B-UY-S530-A3
Description  5.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A203B-UY-S530-A3 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  A203B-UY-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd A203B-UY-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5.0mm Round Type LED Lamps
A203B/UY/S530-A3
Package Dimensions
Notes: 1.All dimensions are in millimeters, tolerance is 0.25mm except being specified
2.Lead spacing is measured where the lead emerge from the package
█ Absolute Maximum Ratings at Ta = 25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Peak Forward Current
IF(Peak)
160
mA
Reverse Voltage
VR
5V
Note: *1:IFP Conditions --Pulse Width ≦ 1msec and Duty ≦ 1/10.
*2:Soldering time ≦ 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
2
Page:
2 0f 6
Device Number :
CDAE-020-015
Prepared date:
2005/8/26
Prepared by:
LongWeiXiong


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
7324-15SUGC-S400-A5 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
7324-15SUBC-S400-X9 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
A253B-G 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
333-2SURC 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
DLE-032-016 5.0mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
336VYVGW 5.0mm Multi-Color Round Type LED Lamps 1  2  3  4  5  Everlight Electronics Co., Ltd
7343-2USRC-S1060 5.0mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
7324-15SURC-S400-A6 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
A214B-UY-S530-A3 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
3294-15SUBC 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn