Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A214B-UY-S530-A3 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part No. A214B-UY-S530-A3
Description  3.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A214B-UY-S530-A3 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  A214B-UY-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A214B-UY-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A214B-UY-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A214B-UY-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A214B-UY-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A214B-UY-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd A214B-UY-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
3.0mm Round Type LED Lamps
A214B/UY/S530-A3
Electro-Optical Characteristics (Ta=25℃)
Min.
Typ.
Max.
Unit
IF=
20
mA
2.0
2.4
V
VR=5
V
10
μA
IF=
20
mA
50
100
mcd
IF=
20
mA
/60
deg
IF=
20
mA
591
nm
IF=
20
mA
589
nm
IF=
20
mA
/15
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
2
Page: 3 of 6
Device Number :
CDAE-021-051
Prepared date:
Prepared by:
dzh
2005/8/26
λp
λd
△λ
VF
IR
Iv
2θ1/2
Dominant Wavelength
Spectrum Radiation
Bandwidth
Parameter
Condition
Forward Voltage
Reverse Current
Luminous Intensity
Viewing Angle
Peak Wavelength
Symbol


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
204-10USOC 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
3294-15SURC Technical Data Sheet 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
A694B 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
234-10SYGD 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
204-10SDRT 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
209SDRSYGW 3.0mm Multi-Color Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
264-10SDRD 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
1254-10SDRD 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
1259-7SDRSYGW 3.0mm Multi-Color Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
3294-15SUBC 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn