Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A253B-G Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part No. A253B-G
Description  5.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A253B-G Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  A253B-G Datasheet HTML 1Page - Everlight Electronics Co., Ltd A253B-G Datasheet HTML 2Page - Everlight Electronics Co., Ltd A253B-G Datasheet HTML 3Page - Everlight Electronics Co., Ltd A253B-G Datasheet HTML 4Page - Everlight Electronics Co., Ltd A253B-G Datasheet HTML 5Page - Everlight Electronics Co., Ltd A253B-G Datasheet HTML 6Page - Everlight Electronics Co., Ltd A253B-G Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5.0mm Round Type LED Lamps
Features :
Low power consumption
High efficiency and low cost
Good control and free combinations
on the colors of LED lamps
Good lock and easy to assembly
Stackable and easy to assembly
Stackable vertically and easy to assembly
Versatile mounting on P.C board or panel
Stackable horizontally and easy to assembly
Pb free
The product itself will remain within RoHS compliant version
Descriptions :
ARRAY=Plastic Holder+Combinations of Lamps
The array will easily mount the applicable lamps on any panel up to
Applications :
1.Used as indicators of indicating the Degree, Functions, Positions etc, in electronic instruments.
Chip
Material
Emitted Color
333GD
GaP
Green
Green Diffused
EVERLIGHT ELECTRONICS CO.,LTD.
REV.:
3
Page: 1 of 6
Device Number :
CDAE-025-022
2005/8/26
Prepared by:
Zhenxia Qu
A253B/G
Lens Color
PART NO.
Prepared date:
'http : //www.everlight.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
7324-15SUGC-S400-A5 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
7324-15SUBC-S400-X9 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
333-2SURC 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
DLE-032-016 5.0mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
336VYVGW 5.0mm Multi-Color Round Type LED Lamps 1  2  3  4  5  Everlight Electronics Co., Ltd
7343-2USRC-S1060 5.0mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
7324-15SURC-S400-A6 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
3294-15SUBC 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
204-10USOC 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
3294-15SURC Technical Data Sheet 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn