Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7324-15SUGC-S400-A5 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part No. 7324-15SUGC-S400-A5
Description  5.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7324-15SUGC-S400-A5 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  7324-15SUGC-S400-A5 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Data Sheet
5.0mm Round Type LED Lamps
Packing Quantity Specification
1. 500PCS/1Bag,5Bags/1Box
2. 10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.: 1
Device Number :
CDLE-732-010
Prepared date:
2006/4/28
Prepared by:
Page: 6 of 6
Xiuzhen Feng
7324-15SUGC/S400-A5
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
7324-15SUGC/S400-A5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
333-2SURC 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
DLE-032-016 5.0mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
336VYVGW 5.0mm Multi-Color Round Type LED Lamps 1  2  3  4  5  Everlight Electronics Co., Ltd
7343-2USRC-S1060 5.0mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
7324-15SURC-S400-A6 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
204-10USOC 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
3294-15SURC Technical Data Sheet 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
204-10SDRT 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
LVG2043 SUPER BRIGHT ROUND TYPE LED LAMPS 1  2  3  4  5  List of Unclassifed Manufacturers
209SDRSYGW 3.0mm Multi-Color Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn