Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7324-15SUGC-S400-A5 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part No. 7324-15SUGC-S400-A5
Description  5.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7324-15SUGC-S400-A5 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  7324-15SUGC-S400-A5 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical Data Sheet
5.0mm Round Type LED Lamps
Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:97%
LTPD:3%
NO
Item
Test Conditions
Sample Size
Failure
Judgment
Criteria
1
Solder Heat
TEMP : 260℃ ± 5 ℃
76 PCS
H : +100℃ 15min
2
Temperature Cycle
∫ 5 min
76 PCS
L : -40℃ 15min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
76 PCS
L : -10℃ 5min
4
High Temperature
Storage
TEMP : 100℃
76 PCS
5
Low Temperature
Storage
TEMP : -40℃
76 PCS
TEMP : 25℃
IF = 20mA
7
High Temperature /
High Humidity
85℃ / 85% RH
76 PCS
Note:Ivt:To test Iv value of the chip before the reliablility test
Iv:The test value of the chip that has completed the reliablility test
U:Upper Specification Limit
L: Lower Specification Limit
EVERLIGHT ELECTRONICS CO.,
http : //www.everlight.com
Rev.:
1
Page: 5 of 6
Device Number : CDLE-732-010
Prepared by:
Xiuzhen Feng
Prepared date:
2006/4/28
Test
Hours/Cycle
10 SEC
0/1
76 PCS
300 CYCLES
300 CYCLES
1000 HRS
6
DC Operating Life
Ac/Re
0/1
0/1
0/1
0/1
0/1
0/1
Iv≦Ivt*0.5 or
Vf≧U
or
Vf≦L
1000 HRS
1000 HRS
1000 HRS
7324-15SUGC/S400-A5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
333-2SURC 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
DLE-032-016 5.0mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
336VYVGW 5.0mm Multi-Color Round Type LED Lamps 1  2  3  4  5  Everlight Electronics Co., Ltd
7343-2USRC-S1060 5.0mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
7324-15SURC-S400-A6 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
204-10USOC 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
3294-15SURC Technical Data Sheet 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
204-10SDRT 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
LVG2043 SUPER BRIGHT ROUND TYPE LED LAMPS 1  2  3  4  5  List of Unclassifed Manufacturers
209SDRSYGW 3.0mm Multi-Color Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn