Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7324-15SUGC-S400-A5 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part No. 7324-15SUGC-S400-A5
Description  5.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7324-15SUGC-S400-A5 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  7324-15SUGC-S400-A5 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7324-15SUGC-S400-A5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical Data Sheet
5.0mm Round Type LED Lamps
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 4 of 6
Device Number :
CDLE-732-010
Prepared date:
2006/4/28
Prepared by:
Xiuzhen Feng
7324-15SUGC/S400-A5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
333-2SURC5.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
DLE-032-0165.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
336VYVGW5.0mm Multi-Color Round Type LED Lamps 1 2 3 4 5 Everlight Electronics Co., Ltd
7343-2USRC-S10605.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
7324-15SURC-S400-A65.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
204-10USOC3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
3294-15SURCTechnical Data Sheet 3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
204-10SDRT3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
LVG2043SUPER BRIGHT ROUND TYPE LED LAMPS 1 2 3 4 5 List of Unclassifed Manufacturers
209SDRSYGW3.0mm Multi-Color Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn