Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH373 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH373
Description  3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH373 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVTH373 Datasheet HTML 1Page - Texas Instruments SN74LVTH373 Datasheet HTML 2Page - Texas Instruments SN74LVTH373 Datasheet HTML 3Page - Texas Instruments SN74LVTH373 Datasheet HTML 4Page - Texas Instruments SN74LVTH373 Datasheet HTML 5Page - Texas Instruments SN74LVTH373 Datasheet HTML 6Page - Texas Instruments SN74LVTH373 Datasheet HTML 7Page - Texas Instruments SN74LVTH373 Datasheet HTML 8Page - Texas Instruments SN74LVTH373 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SN54LVTH373, SN74LVTH373
3.3V ABT OCTAL TRANSPARENT DTYPE LATCHES
WITH 3STATE OUTPUTS
SCBS689H − MAY 1997 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
When VCC is between 0 and 1.5 V, the devices are in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
These devices are fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the devices when they are powered down.
The power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.
FUNCTION TABLE
(each latch)
INPUTS
OUTPUT
OE
LE
D
OUTPUT
Q
L
H
H
H
L
HL
L
L
LX
Q0
H
X
X
Z
logic diagram (positive logic)
OE
To Seven Other Channels
1
11
3
2
LE
1D
C1
1D
1Q


Similar Part No. - SN74LVTH373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH373 TI-SN74LVTH373 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH373 TI-SN74LVTH373 Datasheet
472Kb / 16P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVTH373DB TI-SN74LVTH373DB Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH373DBLE TI-SN74LVTH373DBLE Datasheet
472Kb / 16P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH573 TI-SN54LVTH573_07 Datasheet
740Kb / 23P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373_07 Datasheet
472Kb / 16P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573_08 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573 Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVT573 TI-SN54LVT573 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH573 TI-SN74LVTH573 Datasheet
449Kb / 18P
[Old version datasheet]   3.3V ABT OCTAL TRANSPARENT D TYPE LATCHES WITH 3 STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com