Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS857DWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALS857DWRG4
Description  HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS857DWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALS857DWRG4 Datasheet HTML 1Page - Texas Instruments SN74ALS857DWRG4 Datasheet HTML 2Page - Texas Instruments SN74ALS857DWRG4 Datasheet HTML 3Page - Texas Instruments SN74ALS857DWRG4 Datasheet HTML 4Page - Texas Instruments SN74ALS857DWRG4 Datasheet HTML 5Page - Texas Instruments SN74ALS857DWRG4 Datasheet HTML 6Page - Texas Instruments SN74ALS857DWRG4 Datasheet HTML 7Page - Texas Instruments SN74ALS857DWRG4 Datasheet HTML 8Page - Texas Instruments SN74ALS857DWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN54ALS857, SN74ALS857
HEX 2-TO-1 UNIVERSAL MULTIPLEXERS
WITH 3-STATE OUTPUTS
SDAS170A – DECEMBER 1982 – REVISED JANUARY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS857
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS857
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS857
SN74ALS857
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
–1
– 2.6
mA
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS857
SN74ALS857
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
– 1.5
V
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
VCC =4 5V
IOH = – 1 mA
2.4
3.3
V
VCC = 4.5 V
IOH = – 2.6 mA
2.4
3.2
VOL
VCC =4 5V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
–20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.2
– 0.2
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
–15
–70
–15
–70
mA
V5 5 V
Outputs high
11
24
11
24
ICC
VCC = 5.5 V,
See Note 1
Outputs low
16
33
16
33
mA
See Note 1
Outputs disabled
18
36
18
36
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
NOTE 1: ICC is measured with all possible inputs grounded while achieving the stated output conditions.


Similar Part No. - SN74ALS857DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS857DW TI-SN74ALS857DW Datasheet
112Kb / 11P
[Old version datasheet]   HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS857DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS857 TI1-SN54ALS857_16 Datasheet
231Kb / 11P
[Old version datasheet]   HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS857 TI-SN54ALS857 Datasheet
112Kb / 11P
[Old version datasheet]   HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
CD74HCT258 TI-CD74HCT258 Datasheet
251Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
logo
Renesas Technology Corp
HD74HC258 RENESAS-HD74HC258 Datasheet
108Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AHCT257 TI-SN54AHCT257 Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257 Datasheet
478Kb / 16P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS257A TI-SN54ALS257A Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI1-SN54HC257_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com