Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LVTH373 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LVTH373
Description  3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH373 Datasheet(HTML) 5 Page - Texas Instruments

  SN54LVTH373 Datasheet HTML 1Page - Texas Instruments SN54LVTH373 Datasheet HTML 2Page - Texas Instruments SN54LVTH373 Datasheet HTML 3Page - Texas Instruments SN54LVTH373 Datasheet HTML 4Page - Texas Instruments SN54LVTH373 Datasheet HTML 5Page - Texas Instruments SN54LVTH373 Datasheet HTML 6Page - Texas Instruments SN54LVTH373 Datasheet HTML 7Page - Texas Instruments SN54LVTH373 Datasheet HTML 8Page - Texas Instruments SN54LVTH373 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54LVTH373, SN74LVTH373
3.3V ABT OCTAL TRANSPARENT DTYPE LATCHES
WITH 3STATE OUTPUTS
SCBS689H − MAY 1997 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVTH373
SN74LVTH373
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE high
3
3
3
3
ns
tsu
Setup time, data before LE
1.1
0.4
1.1
0.4
ns
th
Hold time, data after LE
1.7
2
1.4
1.4
ns
switching characteristics over recommended free-air temperature, CL = 50 pF (unless otherwise
noted) (see Figure 1)
SN54LVTH373
SN74LVTH373
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
tPLH
D
Q
1.4
4.1
4.7
1.5
2.6
3.9
4.5
ns
tPHL
D
Q
1.4
4.1
4.7
1.5
2.6
3.9
4.5
ns
tPLH
LE
Q
1.6
4.4
5.1
1.7
2.7
4.2
4.9
ns
tPHL
LE
Q
1.6
4.4
5.1
1.7
2.7
4.2
4.9
ns
tPZH
OE
Q
1.2
5
6.1
1.3
3
4.8
5.9
ns
tPZL
OE
Q
1.2
5
5.7
1.3
3
4.8
5.5
ns
tPHZ
OE
Q
1.6
5.5
5.7
1.9
3
4.6
4.9
ns
tPLZ
OE
Q
0.8
4.8
4.9
1.9
3
4.5
4.6
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.


Similar Part No. - SN54LVTH373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH373 TI-SN54LVTH373 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373 Datasheet
472Kb / 16P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373FK TI-SN54LVTH373FK Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373J TI-SN54LVTH373J Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373W TI-SN54LVTH373W Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LVTH373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH573 TI-SN54LVTH573_07 Datasheet
740Kb / 23P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373_07 Datasheet
472Kb / 16P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573_08 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH573 TI-SN54LVTH573 Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVT573 TI-SN54LVT573 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH373 TI-SN54LVTH373 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH573 TI-SN74LVTH573 Datasheet
449Kb / 18P
[Old version datasheet]   3.3V ABT OCTAL TRANSPARENT D TYPE LATCHES WITH 3 STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com