Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7343-2USRC-S1060 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part No. 7343-2USRC-S1060
Description  5.0mm Round Type LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7343-2USRC-S1060 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  7343-2USRC-S1060 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7343-2USRC-S1060 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7343-2USRC-S1060 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7343-2USRC-S1060 Datasheet HTML 4Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1.0
Page: 2 of 5
Device Number : DLE-734-R15
Prepared date:2004/07/30
Prepared by: M.T CHANG
7343-2USRC/S1060
Package Dimensions
Notes:
․All dimensions are in millimeters, tolerance is 0.25mm except being specified.
․Lead spacing is measured where the lead emerges from the package.
․Protruded resin under flange is 1.5mm Max LED.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Forward Current
IF
50
mA
Pulse Forward Current(Duty 1/10 @ 1kHz)
*1
IFP
100
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
LED Junction Temperature
Tjmax
125
Electrostatic Discharge
ESD
2000
V
Soldering Temperature
*2
Tsol
260 ±5
Through-the-Wave Preheat Temperature
----
145
Power Dissipation
Pd
100
mW
Reverse Voltage
VR
5
V
Notes: *1:IFP Conditions--Pulse Width≦10msec and Duty≦1/10.
*2:Soldering time≦5 seconds.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
333-2SURC 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
DLE-032-016 5.0mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
336VYVGW 5.0mm Multi-Color Round Type LED Lamps 1  2  3  4  5  Everlight Electronics Co., Ltd
3294-15SURC Technical Data Sheet 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
204-10SDRT 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
LVG2043 SUPER BRIGHT ROUND TYPE LED LAMPS 1  2  3  4  5  List of Unclassifed Manufacturers
209SDRSYGW 3.0mm Multi-Color Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
LUY2043 ROUND TYPE LED LAMPS 1  2  3  4  5  List of Unclassifed Manufacturers
264-10SDRD 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
LSR2040 SUPER BRIGHT ROUND TYPE LED LAMPS 1  2  3  4  5  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn