Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7343-2USRC-S1060 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part No. 7343-2USRC-S1060
Description  5.0mm Round Type LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7343-2USRC-S1060 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  7343-2USRC-S1060 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7343-2USRC-S1060 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7343-2USRC-S1060 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7343-2USRC-S1060 Datasheet HTML 4Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1.0
Page: 1 of 5
Device Number : DLE-734-R15
Prepared date:2004/07/30
Prepared by: M.T CHANG
Technical Data Sheet
7343-2USRC/S1060
Features
․Popular T-1 3/4package.
․High efficiency.
․General purpose leads.
․Selected minimum intensities.
․Available on tape and reel.
․Pb free .
Descriptions
․The series is specially designed for applications
requiring higher brightness.
․The LED lamps are available with different
colors, intensities, epoxy colors ,etc.
․Superior performance in outdoor environment.
Applications
․Status indicators.
․Commercial use.
․Advertising Signs.
Device Selection Guide
Chip
LED Part No.
Material
Emitted Color
Lens Color
7343-2USRC/S1060
AlGaInP
Super Red
Water Clear


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
333-2SURC5.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
DLE-032-0165.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
336VYVGW5.0mm Multi-Color Round Type LED Lamps 1 2 3 4 5 Everlight Electronics Co., Ltd
3294-15SURCTechnical Data Sheet 3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
204-10SDRT3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
LVG2043SUPER BRIGHT ROUND TYPE LED LAMPS 1 2 3 4 5 List of Unclassifed Manufacturers
209SDRSYGW3.0mm Multi-Color Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
LUY2043ROUND TYPE LED LAMPS 1 2 3 4 5 List of Unclassifed Manufacturers
264-10SDRD3.0mm Round Type LED Lamps 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
LSR2040SUPER BRIGHT ROUND TYPE LED LAMPS 1 2 3 4 5 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn