Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC368E Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC368E
Description  High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC368E Datasheet(HTML) 3 Page - Texas Instruments

  CD74HC368E Datasheet HTML 1Page - Texas Instruments CD74HC368E Datasheet HTML 2Page - Texas Instruments CD74HC368E Datasheet HTML 3Page - Texas Instruments CD74HC368E Datasheet HTML 4Page - Texas Instruments CD74HC368E Datasheet HTML 5Page - Texas Instruments CD74HC368E Datasheet HTML 6Page - Texas Instruments CD74HC368E Datasheet HTML 7Page - Texas Instruments CD74HC368E Datasheet HTML 8Page - Texas Instruments CD74HC368E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Logic Diagram
NOTE:
1. Inverter not included in HC/HCT367
FIGURE 1. LOGIC DIAGRAM FOR THE HC/HCT367 AND HC/HCT368 (OUTPUTS FOR HC/HCT367 ARE COMPLEMENTS OF
THOSE SHOWN, i.e., 1Y, 2Y, ETC.)
4
2A
2Y
5
6
3A
3Y
7
10
4A
4Y
9
12
5A
5Y
11
14
6A
6Y
13
OE1
1
15
OE2
ONE OF SIX IDENTICAL CIRCUITS
VCC
3
1Y
GND
8
(NOTE 1)
2
1A
16
CD54/74HC367, CD54/74HCT367, CD54/74HC368, CD74HCT368


Similar Part No. - CD74HC368E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC368E TI-CD74HC368E Datasheet
270Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC368E TI-CD74HC368E Datasheet
430Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffer/Line Driver,Three-State Non-Inverting and Inverting
CD74HC368E TI-CD74HC368E Datasheet
460Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC368EE4 TI-CD74HC368EE4 Datasheet
430Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffer/Line Driver,Three-State Non-Inverting and Inverting
CD74HC368EE4 TI-CD74HC368EE4 Datasheet
460Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
More results

Similar Description - CD74HC368E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC367 TI-CD74HC367 Datasheet
48Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366-Q1 TI1-CD74HC366-Q1 Datasheet
549Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC HEX BUFFER/LINE DRIVER, THREE-STATE NON-INVERTING AND INVERTING
CD54HC365 TI-CD54HC365 Datasheet
428Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Hex Buffer/Line Driver Three-State Non-Inverting and Inverting
CD74HC366 TI-CD74HC366 Datasheet
283Kb / 13P
[Old version datasheet]   High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC367 TI-CD54HC367_07 Datasheet
430Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffer/Line Driver,Three-State Non-Inverting and Inverting
CD54HC365 TI-CD54HC365_08 Datasheet
569Kb / 16P
[Old version datasheet]   High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC367 TI-CD54HC367_08 Datasheet
460Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HCT367 TI-CD54HCT367 Datasheet
270Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC365 TI-CD74HC365 Datasheet
48Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com