Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS61B23 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS61B23
Description  12-BIT, 80-MSPS ADC WITH BUFFERED ANALOG INPUTS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS61B23 Datasheet(HTML) 4 Page - Texas Instruments

  ADS61B23 Datasheet HTML 1Page - Texas Instruments ADS61B23 Datasheet HTML 2Page - Texas Instruments ADS61B23 Datasheet HTML 3Page - Texas Instruments ADS61B23 Datasheet HTML 4Page - Texas Instruments ADS61B23 Datasheet HTML 5Page - Texas Instruments ADS61B23 Datasheet HTML 6Page - Texas Instruments ADS61B23 Datasheet HTML 7Page - Texas Instruments ADS61B23 Datasheet HTML 8Page - Texas Instruments ADS61B23 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ADS61B23
SLAS582 – FEBRUARY 2008
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
3
3.3
3.6
V
CMOS Interface
1.65
1.8 to 3.3
3.6
V
DRVDD Output buffer supply voltage
LVDS Interface
3
3.3
3.6
V
ANALOG INPUTS
Differential input voltage range
2
Vpp
Voltage applied on VCM in external reference mode
1.45
1.5
1.55
V
CLOCK INPUT
FS
Input clock sample rate
1
80
MSPS
Sine wave, ac-coupled
0.4
1.5
LVPECL, ac-coupled
± 0.8
Input clock amplitude differential
Vpp
(VCLKP – VCLKM)
LVDS, ac-coupled
± 0.35
LVCMOS, ac-coupled
3.3
Input Clock duty cycle
35%
50%
65%
DIGITAL OUTPUTS
For CLOAD ≤ 5 pF and DRVDD ≥ 2.2
DEFAULT
V
strength
For CLOAD > 5 pF and DRVDD ≥ 2.2
MAXIMUM
Output buffer drive strength (1)
V
strength
MAXIMUM
For DRVDD < 2.2 V
strength
CMOS Interface, maximum buffer
10
strength
Maximum external load capacitance from each
LVDS Interface, without internal
5
CLOAD
pF
output pin to DRGND
termination
LVDS Interface, with internal
10
termination
RLOAD
Differential load resistance (external) between the LVDS output pairs
100
TA
Operating free-air temperature
-40
85
°C
(1)
See Output Buffer Strength Programmability in application section
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS61B23


Similar Part No. - ADS61B23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29IRGZ25 TI-ADS61B29IRGZ25 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29IRGZR TI-ADS61B29IRGZR Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29IRGZR TI-ADS61B29IRGZR Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
More results

Similar Description - ADS61B23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS61JB23 TI-ADS61JB23 Datasheet
1Mb / 45P
[Old version datasheet]   12-Bit Input-Buffered 80 MSPS ADC with JESD204A Output Interface
logo
Analog Devices
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
logo
Texas Instruments
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   4-Channel, 12-Bit, 80-MSPS ADC
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com