Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH601 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SFH601
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH601_08 Datasheet HTML 1Page - Vishay Siliconix SFH601_08 Datasheet HTML 2Page - Vishay Siliconix SFH601_08 Datasheet HTML 3Page - Vishay Siliconix SFH601_08 Datasheet HTML 4Page - Vishay Siliconix SFH601_08 Datasheet HTML 5Page - Vishay Siliconix SFH601_08 Datasheet HTML 6Page - Vishay Siliconix SFH601_08 Datasheet HTML 7Page - Vishay Siliconix SFH601_08 Datasheet HTML 8Page - Vishay Siliconix SFH601_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 83663
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.3, 25-Jan-08
3
SFH601
Optocoupler, Phototransistor Output,
with Base Connection
Vishay Semiconductors
Note
Current transfer ratio and collector emitter leakage current by dash number.
Fig. 1 - Linear Operation (Without Saturation)
Fig. 2 - Switching Operation (With Saturation)
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
IC/IF at VCE = 5.0 V
IF = 10 mA
SFH601-1
CTR
40
80
%
SFH601-2
CTR
63
125
%
SFH601-3
CTR
100
200
%
SFH601-4
CTR
160
320
%
IF = 1.0 mA
SFH601-1
CTR
13
30
%
SFH601-2
CTR
22
45
%
SFH601-3
CTR
34
70
%
SFH601-4
CTR
56
90
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Current
VCC = 5.0 V, RL = 75 Ω
IF
10
mA
Rise time
VCC = 5.0 V, RL = 75 Ω
tr
2.0
µs
Fall time
VCC = 5.0 V, RL = 75 Ω
tf
2.0
µs
Turn-on time
VCC = 5.0 V, RL = 75 Ω
ton
3.0
µs
Turn-off time
VCC = 5.0 V, RL = 75 Ω
toff
2.3
µs
SATURATED
Current
SFH601-1
IF
20
mA
SFH601-2
IF
10
mA
SFH601-3
IF
10
mA
SFH601-4
IF
0.5
mA
Rise time
SFH601-1
tr
2.0
µs
SFH601-2
tr
3.0
µs
SFH601-3
tr
3.0
µs
SFH601-4
tr
4.6
µs
Fall time
SFH601-1
tf
11
µs
SFH601-2
tf
14
µs
SFH601-3
tf
14
µs
SFH601-4
tf
15
µs
Turn-on time
SFH601-1
ton
3.0
µs
SFH601-2
ton
4.2
µs
SFH601-3
ton
4.2
µs
SFH601-4
ton
6.0
µs
Turn-off time
SFH601-1
toff
18
µs
SFH601-2
toff
23
µs
SFH601-3
toff
23
µs
SFH601-4
toff
25
µs
isfh601_01
RL =75 Ω
VCC = 5 V
I C
47
Ω
I F
I F
1k
Ω
VCC =5 V
47
Ω
isfh601_02


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn