Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT100KP36A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # RT100KP36A
Description  Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

RT100KP36A Datasheet(HTML) 2 Page - Microsemi Corporation

  RT100KP36A Datasheet HTML 1Page - Microsemi Corporation RT100KP36A Datasheet HTML 2Page - Microsemi Corporation RT100KP36A Datasheet HTML 3Page - Microsemi Corporation RT100KP36A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preferred 100 kW Transient Voltage
Suppressor for AIRCRAFT POWER
BUS PROTECTION
S C O T TS DALE DIVISION
RT100KP33A thru RT100KP400CA, e3
ELECTRICAL CHARACTERISTICS at 25ºC
Rated
Stand-off
Voltage
VWM
Breakdown Voltage
V(BR) Volts
@ I(BR)
V(BR)
I(BR)
Maximum
Clamping
@ IPP (2)
VC
Maximum
Reverse
Leakage
@ VWM
ID
Maximum
Peak Pulse
Current (3)
@6.4/69 µs
IPP
Maximum
V(BR)
temperature
Coefficient
α
V(BR)
Part
Number
(1) (4)
VOLTS
VOLTS
mA
VOLTS
μAmps
Amps
mV/
oC
RT100KP33A
RT100KP36A
33
36
36.7-40.6
40.0-44.2
50
50
58.6
61.8
5000
5000
1825 *
1672 *
38
41
RT100KP40A
RT100KP43A
40
43
44.4-49.1
47.8-52.8
20
10
68.6
71.0
1500
500
1518 *
1432 *
46
50
RT100KP45A
RT100KP48A
45
48
50.0-55.3
53.3-58.9
5
5
73.0
77.7
150
150
1365 *
1285 *
52
56
RT100KP51A
RT100KP54A
51
54
56.7-62.7
60.0-66.3
5
5
82.8
87.5
50
25
1205 *
1139 *
60
63
RT100KP58A
RT100KP60A
58
60
64.4-71.2
66.7-73.7
5
5
94.0
97.3
15
15
1066 *
1012 *
68
71
RT100KP64A
RT100KP70A
64
70
71.1-78.6
77.8-86.0
5
5
104
114
10
10
959 *
879
76
83
RT100KP75A
RT100KP78A
75
78
83.3-92.1
86.7-95.8
5
5
122
126
10
10
819
793
89
93
RT100KP85A
RT100KP90A
85
90
94.4-104
100-111
5
5
137
146
10
10
726
686
102
109
RT100KP100A
RT100KP110A
100
110
111-123
122-135
5
5
162
178
10
10
619
559
121
133
RT100KP120A
RT100KP130A
120
130
133-147
144-159
5
5
193
209
10
10
519
473
145
157
RT100KP150A
RT100KP160A
150
160
167-185
178-197
5
5
243
259
10
10
413
386
183
195
RT100KP170A
RT100KP180A
170
180
189-209
200-221
5
5
275
291
10
10
366
346
207
219
RT100KP200A
RT100KP220A
200
220
222-245
245-271
5
5
322
356
10
10
313
280
243
269
RT100KP250A
RT100KP260A
RT100KP280A
RT100KP300A
250
260
280
300
278-308
289-320
311-345
333-369
5
5
5
5
403
419
451
483
10
10
10
10
246
236
220
206
306
318
344
368
RT100KP350A
RT100KP400A
350
400
389-431
444-492
5
5
564
644
10
10
176
153
430
490
1. For bidirectional construction, indicate a CA suffix (instead of A) after the part number
2. Clamping voltage does not include any variable parasitic lead inductance effects observed during the 6.4 µs rise time due to lead length.
3. The Maximum Peak Pulse Current (IPP) shown represents the performance capabilities by design.
* Surge test screening is only performed up to 900 Amps (test equipment limitations).
4. Part numbers in bold italics are preferred devices.
Microsemi
Scottsdale Division
Page 2
Copyright
© 2007
10-03-2007 Rev B
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - RT100KP36A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
RT100KP36A MDE-RT100KP36A Datasheet
171Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
RT100KP36A ETC2-RT100KP36A Datasheet
277Kb / 3P
   Transient Voltage Suppressor
More results

Similar Description - RT100KP36A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
704-15K36P PROTEC-704-15K36P Datasheet
228Kb / 5P
   HIGH POWER AIRCRAFT / VEHCILE DC BUS VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LTW-593DS MICROSEMI-LTW-593DS Datasheet
191Kb / 3P
   AIRCRAFT AC POWER BUS PROTECTION
logo
Protek Devices
704-15K36 PROTEC-704-15K36_07 Datasheet
68Kb / 3P
   HIGH POWER AIRCRAFT/ VEHICLE DC BUS VOLTAGE SUPPRESSOR
704-15K36 PROTEC-704-15K36_11 Datasheet
453Kb / 6P
   HIGH POWER AIRCRAFT/ VEHCILE DC BUS VOLTAGE SUPPRESSOR
704-15K36 PROTEC-704-15K36 Datasheet
89Kb / 3P
   HIGH POWER AIRCRAFT/VEHICLE DC BUS VOLTAGE SUPPRESSOR
704-15K36 PROTEC-704-15K36_12 Datasheet
455Kb / 6P
   HIGH POWER AIRCRAFT/ VEHCILE DC BUS VOLTAGE SUPPRESSOR
logo
STMicroelectronics
ESDCAN02-2BWY STMICROELECTRONICS-ESDCAN02-2BWY Datasheet
505Kb / 10P
   transient voltage suppressor for CAN bus
September 2015 Rev 2
ESDCAN01-2BLY STMICROELECTRONICS-ESDCAN01-2BLY Datasheet
525Kb / 10P
   transient voltage suppressor for CAN bus
July 2015 Rev 1
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT58S1 STMICROELECTRONICS-THDT58S1 Datasheet
79Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com