Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62700 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62700
Description  2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62700 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62700 Datasheet HTML 5Page - Texas Instruments TPS62700 Datasheet HTML 6Page - Texas Instruments TPS62700 Datasheet HTML 7Page - Texas Instruments TPS62700 Datasheet HTML 8Page - Texas Instruments TPS62700 Datasheet HTML 9Page - Texas Instruments TPS62700 Datasheet HTML 10Page - Texas Instruments TPS62700 Datasheet HTML 11Page - Texas Instruments TPS62700 Datasheet HTML 12Page - Texas Instruments TPS62700 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
I
-OutputCurrent- A
O
V
=1.3V
L =3.3 H,
DCR<100m
O
m
W
V =2.7V
I
V =3V
I
V =3.6V
I
V =4.2V
I
V =5.5V
I
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
I
-OutputCurrent- A
O
V =3.3V
I
V =4.2V
I
V =3.6V
I
V =5.5V
I
V
=3.09V
L =3.3 H,
DCR<100m
O
m
W
70
75
80
85
90
95
100
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
V
-OutputVoltage-V
O
V =3.6V,
L =3.3 H,
DRC<100m
I
m
W
R =10
L
W
R =15
L
W
R =5
L
W
70
75
80
85
90
95
100
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
V
-OutputVoltage-V
O
V =4.2V,
L =3.3 H,
DRC<100m
I
m
W
R =15
L
W
R =5
L
W
R =10
L
W
TPS62700
SLVS784A – DECEMBER 2007 – REVISED MARCH 2008
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 9.
Figure 10.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62700


Similar Part No. - TPS62700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62700 TI-TPS62700 Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700 TI1-TPS62700 Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZF TI-TPS62700YZF Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZF TI1-TPS62700YZF Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZFR TI1-TPS62700YZFR Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
More results

Similar Description - TPS62700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62700 TI1-TPS62700_15 Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700_0806 TI-TPS62700_0806 Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
TPS62088 TI1-TPS62088 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62088 TI1-TPS62088_18 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS6283810 TI1-TPS6283810 Datasheet
1Mb / 25P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com