Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EPT21LKCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EPT21LKCTR
Description  3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT21LKCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EPT21LKCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EPT21LKCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EPT21LKCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EPT21LKCTR Datasheet HTML 4Page - Micrel Semiconductor SY100EPT21LKCTR Datasheet HTML 5Page - Micrel Semiconductor SY100EPT21LKCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ECL Pro™
SY100EPT21L
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
1
NC
D
/D
VBB
8
VCC
Q
NC
GND
7
6
5
2
3
4
LVPECL
LVTTL
8-Pin SOIC (Z8-1)
8-Pin MSOP (K8-1)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100EPT21LZC
Z8-1
Commercial
XEP21L
Sn-Pb
SY100EPT21LZCTR(2)
Z8-1
Commercial
XEP21L
Sn-Pb
SY100EPT21LKC
K8-1
Commercial
XP21
Sn-Pb
SY100EPT21LKCTR(2)
K8-1
Commercial
XP21
Sn-Pb
SY100EPT21LZI
Z8-1
Industrial
XEP21L
Sn-Pb
SY100EPT21LZITR(2)
Z8-1
Industrial
XEP21L
Sn-Pb
SY100EPT21LKI
K8-1
Industrial
XP21
Sn-Pb
SY100EPT21LKITR(2)
K8-1
Industrial
XP21
Sn-Pb
SY100EPT21LZG(3)
Z8-1
Industrial
XEP21L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EPT21LZGTR(2, 3)
Z8-1
Industrial
XEP21L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EPT21LKG(3)
K8-1
Industrial
XP21 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EPT21LKGTR(2, 3)
K8-1
Industrial
XP21 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
Pin Number
Pin Name
Pin Function
1
NC
No Connect.
2, 3
D, /D
Differential LVPECL Input Pair.
4
VBB
Output Reference Voltage.
5
GND
Ground.
6
NC
No Connect.
7
Q
LVTTL Output.
8
VCC
Positive Supply.
PIN DESCRIPTION
TRUTH TABLE
D/D
Q
LH
L
HL
H
Open
Open
L


Similar Part No. - SY100EPT21LKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT21LKCTR MICREL-SY100EPT21LKCTR Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results

Similar Description - SY100EPT21LKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L_06 Datasheet
41Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com