Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS3308 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3308
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3308 Datasheet(HTML) 1 Page - Texas Instruments

  TAS3308 Datasheet HTML 1Page - Texas Instruments TAS3308 Datasheet HTML 2Page - Texas Instruments TAS3308 Datasheet HTML 3Page - Texas Instruments TAS3308 Datasheet HTML 4Page - Texas Instruments TAS3308 Datasheet HTML 5Page - Texas Instruments TAS3308 Datasheet HTML 6Page - Texas Instruments TAS3308 Datasheet HTML 7Page - Texas Instruments TAS3308 Datasheet HTML 8Page - Texas Instruments TAS3308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FEATURES
TAS3308
DIGITAL AUDIO PROCESSOR
WITH ANALOG INTERFACE
SLES215A – FEBRUARY 2008 – REVISED MARCH 2008
www.ti.com
2
• Audio Input/Output
• Audio Digital Signal Processor
Up to Three Synchronous Serial Audio
Programmable Functionality
Inputs (6 Channels)
135-MHz Operation
Up to Two Synchronous Serial Audio
48-Bit Datapath With 76-Bit Accumulator
Outputs (4 Channels)
Hardware Single Cycle Multiplier (28
× 48)
Left, RIght and I2S Input Data Formats: 16-,
Two Memory Loads and One Memory Store
20-, or 24-Bit Data
Per Cycle
Left, Right and I2S Output Data Formats:
Usable 1K Words Data RAM (48 Bit) and
16-, 20-, or 24-Bit Data
Usable 1K Coefficient RAM (28 Bit)
64
× Fs Bit Clock Rate
3.25K Words Instruction Program RAM
24.576-MHz XTAL Input for Master Clock
(2.8K Words Available)
Modes and Clock Auto Detection
360 mS at 48 KHz, 17,408 Words 24-Bit
Slave Mode 256, 384, or 512
× Fs MCLKIN
Delay Memory
With Automatic Clock Rate Detection
• PWM Features
Slave Mode 32-, 44.1-, and 48-kHz Fs With
Proven PurePath Digital™ Technology
Auto Sample Rate Detection
Fourth-Order Chaotic Noise Shaper With
Master Mode – 48-kHz Fs 10 Multiplexed
Non-Linear Correction
Stereo Analog Inputs Selectable Into One
High-Quality DNR 105 dBA (Typical) PWM
Stereo ADC. ADC Maximum Input Level: 1
Performance
Vrms SE
Click and Pop Minimizing at Power
Three Stereo Differential PWM Outputs
Up/Down Using TI Patented Technology
High-Quality DNR 100-dBA (Typical) ADC
• General Features
Channel Performance (2 Channels) With
Easy-to-Use Control Interface
Master Mode Clock
I2C Serial Control Master and Slave
High-Quality DNR 105-dBA (Typical) PWM
Interface
Channel Performance (6 Channels)
Control Interface Operational Without
One Single-Ended Analog Stereo Line
External MCLK Input
Driver Output With 1 of 10 Selectable
Inputs, 10-k
Ω, 100=pF Drive Capability
Single 3.3-V Power Supply
(Maximum Output Level: 1 Vrms)
Integrated Regulators
Line-Out Supports Left/Right, Left/Left, and
100-Pin TQFP Package
Right/Right Combinations
M8051 Device Controller
Auto Clock and Serial Data Rate Detection
and Automatic Device Configuration
Without Audible Artifacts
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Digital is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS3308

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAS333K035P1A CDE-TAS333K035P1A Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS333K050P1A CDE-TAS333K050P1A Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS333K075P1A CDE-TAS333K075P1A Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS333K100P1A CDE-TAS333K100P1A Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS334K075P1A CDE-TAS334K075P1A Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results

Similar Description - TAS3308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
   Audio Processor with Pushbutton Interface
Rev 0; 5/06
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
   Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
logo
Texas Instruments
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
logo
STMicroelectronics
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
   2.0 digital audio processor with FFX digital modulator and analog and digital inputs
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com