Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0395A Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # TA0395A
Description  159.16250MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA0395A Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  TA0395A Datasheet HTML 1Page - Golledge Electronics Ltd TA0395A Datasheet HTML 2Page - Golledge Electronics Ltd TA0395A Datasheet HTML 3Page - Golledge Electronics Ltd TA0395A Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
159.16250MHz SAW Filter
Model: TA0395A
Part No: MA06510
REV NO.: 3
TA0395A v3
2
D. FREQUENCY CHARACTERISTICS:


Similar Part No. - TA0395A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0395A TAI-SAW-TA0395A Datasheet
471Kb / 6P
   SAW Filter 159.1625MHz SMD 7.0횞5.0 mm
logo
Golledge Electronics Lt...
TA0395A GOLLEDGE-TA0395A Datasheet
362Kb / 6P
   SAW Filter 159.16250MHz
More results

Similar Description - TA0395A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA06510 GOLLEDGE-MA06510 Datasheet
362Kb / 6P
   SAW Filter 159.16250MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com