Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT16214DGGR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16214DGGR
Description  12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16214DGGR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74CBT16214DGGR Datasheet HTML 2Page - Texas Instruments SN74CBT16214DGGR Datasheet HTML 3Page - Texas Instruments SN74CBT16214DGGR Datasheet HTML 4Page - Texas Instruments SN74CBT16214DGGR Datasheet HTML 5Page - Texas Instruments SN74CBT16214DGGR Datasheet HTML 6Page - Texas Instruments SN74CBT16214DGGR Datasheet HTML 7Page - Texas Instruments SN74CBT16214DGGR Datasheet HTML 8Page - Texas Instruments SN74CBT16214DGGR Datasheet HTML 9Page - Texas Instruments SN74CBT16214DGGR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Similar Part No. - SN74CBT16214DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16214DGGR TI-SN74CBT16214DGGR Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214DGGR TI-SN74CBT16214DGGR Datasheet
298Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214DGGR TI1-SN74CBT16214DGGR Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results

Similar Description - SN74CBT16214DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBT16214DGGRE4 TI-74CBT16214DGGRE4 Datasheet
298Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292DLG4 TI1-74CBTLV16292DLG4 Datasheet
516Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292_15 Datasheet
90Kb / 11P
   12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02-18 April 2008
logo
Nexperia B.V. All right...
CBT16292 NEXPERIA-CBT16292 Datasheet
193Kb / 12P
   12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02 - 18 April 2008
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com