Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HCT245NSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT245NSR
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCT245NSR Datasheet(HTML) 4 Page - Texas Instruments

  SN74HCT245NSR Datasheet HTML 1Page - Texas Instruments SN74HCT245NSR Datasheet HTML 2Page - Texas Instruments SN74HCT245NSR Datasheet HTML 3Page - Texas Instruments SN74HCT245NSR Datasheet HTML 4Page - Texas Instruments SN74HCT245NSR Datasheet HTML 5Page - Texas Instruments SN74HCT245NSR Datasheet HTML 6Page - Texas Instruments SN74HCT245NSR Datasheet HTML 7Page - Texas Instruments SN74HCT245NSR Datasheet HTML 8Page - Texas Instruments SN74HCT245NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN54HCT245, SN74HCT245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCLS020E – MARCH 1984 – REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT245
SN74HCT245
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
B or A
4.5 V
20
30
45
38
ns
tpd
A or B
B or A
5.5 V
18
27
41
34
ns
ten
OE
A or B
4.5 V
36
59
89
74
ns
ten
OE
A or B
5.5 V
30
53
80
67
ns
tt
A or B
4.5 V
17
42
63
53
ns
tt
A or B
5.5 V
14
38
57
48
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
No load
40
pF


Similar Part No. - SN74HCT245NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT245NSR TI-SN74HCT245NSR Datasheet
95Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245NSR TI-SN74HCT245NSR Datasheet
675Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245NSR TI1-SN74HCT245NSR Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245NSR TI-SN74HCT245NSR Datasheet
1Mb / 35P
[Old version datasheet]   SNx4HCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN74HCT245NSRE4 TI-SN74HCT245NSRE4 Datasheet
675Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HCT245NSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com