Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HCT245DWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT245DWR
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCT245DWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74HCT245DWR Datasheet HTML 1Page - Texas Instruments SN74HCT245DWR Datasheet HTML 2Page - Texas Instruments SN74HCT245DWR Datasheet HTML 3Page - Texas Instruments SN74HCT245DWR Datasheet HTML 4Page - Texas Instruments SN74HCT245DWR Datasheet HTML 5Page - Texas Instruments SN74HCT245DWR Datasheet HTML 6Page - Texas Instruments SN74HCT245DWR Datasheet HTML 7Page - Texas Instruments SN74HCT245DWR Datasheet HTML 8Page - Texas Instruments SN74HCT245DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54HCT245, SN74HCT245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCLS020E – MARCH 1984 – REVISED AUGUST 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
RL
VCC
S1
S2
LOAD CIRCUIT
PARAMETER
CL
tPZH
tpd or tt
tdis
ten
tPZL
tPHZ
tPLZ
1 k
1 k
50 pF
or
150 pF
50 pF
Open
Closed
RL
S1
Closed
Open
S2
Open
Closed
Closed
Open
50 pF
or
150 pF
Open
Open
––
NOTES: A. CL includes probe and test-fixture capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
CL
(see Note A)
Test
Point
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
1.3 V
1.3 V
0.3 V
0.3 V
2.7 V
2.7 V
3 V
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT RISE AND FALL TIMES
1.3 V
1.3 V
1.3 V
10%
10%
90%
90%
3 V
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
1.3 V
tPLH
tPHL
1.3 V
1.3 V
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-
Phase
Output
1.3 V
10%
90%
3 V
≈VCC
VOL
0 V
Output
Control
(Low-Level
Enabling)
Output
Waveform 1
(See Note B)
1.3 V
tPZL
tPLZ
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES FOR 3-STATE OUTPUTS
VOH
≈0 V
1.3 V
1.3 V
tPZH
tPHZ
Output
Waveform 2
(See Note B)
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74HCT245DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT245DWR TI-SN74HCT245DWR Datasheet
95Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245DWR TI-SN74HCT245DWR Datasheet
675Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245DWR TI1-SN74HCT245DWR Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HCT245DWR TI-SN74HCT245DWR Datasheet
1Mb / 35P
[Old version datasheet]   SNx4HCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN74HCT245DWRE4 TI-SN74HCT245DWRE4 Datasheet
675Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HCT245DWR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com