Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT16214DL Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16214DL
Description  12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16214DL Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBT16214DL Datasheet HTML 1Page - Texas Instruments SN74CBT16214DL Datasheet HTML 2Page - Texas Instruments SN74CBT16214DL Datasheet HTML 3Page - Texas Instruments SN74CBT16214DL Datasheet HTML 4Page - Texas Instruments SN74CBT16214DL Datasheet HTML 5Page - Texas Instruments SN74CBT16214DL Datasheet HTML 6Page - Texas Instruments SN74CBT16214DL Datasheet HTML 7Page - Texas Instruments SN74CBT16214DL Datasheet HTML 8Page - Texas Instruments SN74CBT16214DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN74CBT16214
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SCDS008L – MAY 1993 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
INPUT/OUTPUT
FUNCTION
S2
S1
S0
A
FUNCTION
L
L
L
Z
Disconnect
L
LH
B1
A port = B1 port
L
HL
B2
A port = B2 port
L
HH
Z
Disconnect
H
LL
Z
Disconnect
H
LH
B3
A port = B3 port
H
HL
B1
A port = B1 port
H
H
H
B2
A port = B2 port
logic diagram (positive logic)
1B2
1B1
12A
1A
S0
S1
S2
1B3
12B2
12B1
12B3
2
27
1
56
55
54
53
3
30
29
28


Similar Part No. - SN74CBT16214DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16214DL TI-SN74CBT16214DL Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214DL TI-SN74CBT16214DL Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214DL TI-SN74CBT16214DL Datasheet
298Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214DL TI1-SN74CBT16214DL Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBT16214DLG4 TI-SN74CBT16214DLG4 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74CBT16214DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBT16214DGGRE4 TI-74CBT16214DGGRE4 Datasheet
298Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292DLG4 TI1-74CBTLV16292DLG4 Datasheet
516Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292_15 Datasheet
90Kb / 11P
   12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02-18 April 2008
logo
Nexperia B.V. All right...
CBT16292 NEXPERIA-CBT16292 Datasheet
193Kb / 12P
   12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02 - 18 April 2008
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com