Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW323DT70N6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M29DW323DT70N6
Description  32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW323DT70N6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M29DW323DT70N6 Datasheet HTML 36Page - STMicroelectronics M29DW323DT70N6 Datasheet HTML 37Page - STMicroelectronics M29DW323DT70N6 Datasheet HTML 38Page - STMicroelectronics M29DW323DT70N6 Datasheet HTML 39Page - STMicroelectronics M29DW323DT70N6 Datasheet HTML 40Page - STMicroelectronics M29DW323DT70N6 Datasheet HTML 41Page - STMicroelectronics M29DW323DT70N6 Datasheet HTML 42Page - STMicroelectronics M29DW323DT70N6 Datasheet HTML 43Page - STMicroelectronics M29DW323DT70N6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
M29DW323DT, M29DW323DB
40/49
Table 25. CFI Query System Interface Information
Table 26. Device Geometry Definition
Note: The region information contained in addresses 2Dh to 34h (or 5Ah to 68h) is correct for the M29DW323DB. For the M29DW323DT the
regions must be reversed.
Address
Data
Description
Value
x16
x8
1Bh
36h
0027h
VCC Logic Supply Minimum Program/Erase voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 mV
2.7V
1Ch
38h
0036h
VCC Logic Supply Maximum Program/Erase voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 mV
3.6V
1Dh
3Ah
00B5h
VPP [Programming] Supply Minimum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
11.5V
1Eh
3Ch
00C5h
VPP [Programming] Supply Maximum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
12.5V
1Fh
3Eh
0004h
Typical timeout per single byte/word program = 2n µs
16µs
20h
40h
0000h
Typical timeout for minimum size write buffer program = 2n µs
NA
21h
42h
000Ah
Typical timeout per individual block erase = 2n ms
1s
22h
44h
0000h
Typical timeout for full chip erase = 2n ms
NA
23h
46h
0004h
Maximum timeout for byte/word program = 2n times typical
256 µs
24h
48h
0000h
Maximum timeout for write buffer program = 2n times typical
NA
25h
4Ah
0003h
Maximum timeout per individual block erase = 2n times typical
8s
26h
4Ch
0000h
Maximum timeout for chip erase = 2n times typical
NA
Address
Data
Description
Value
x16
x8
27h
4Eh
0016h
Device Size = 2n in number of bytes
4 MByte
28h
29h
50h
52h
0002h
0000h
Flash Device Interface Code description
x8, x16
Async.
2Ah
2Bh
54h
56h
0000h
0000h
Maximum number of bytes in multi-byte program or page = 2n
NA
2Ch
58h
0002h
Number of Erase Block Regions. It specifies the number of
regions containing contiguous Erase Blocks of the same size.
2
2Dh
2Eh
5Ah
5Ch
0007h
0000h
Region 1 Information
Number of identical size erase block = 0007h+1
8
2Fh
30h
5Eh
60h
0020h
0000h
Region 1 Information
Block size in Region 1 = 0020h * 256 byte
8Kbyte
31h
32h
62h
64h
003Eh
0000h
Region 2 Information
Number of identical size erase block = 003Eh+1
63
33h
34h
66h
68h
0000h
0001h
Region 2 Information
Block size in Region 2 = 0100h * 256 byte
64Kbyte


Similar Part No. - M29DW323DT70N6

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW323DT70N6 NUMONYX-M29DW323DT70N6 Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
M29DW323DT70N6E NUMONYX-M29DW323DT70N6E Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
M29DW323DT70N6F NUMONYX-M29DW323DT70N6F Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
M29DW323DT70N6T NUMONYX-M29DW323DT70N6T Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29DW323DT70N6

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW323DT NUMONYX-M29DW323DT Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW324DT NUMONYX-M29DW324DT Datasheet
1Mb / 50P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com