Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0094V Datasheet(PDF) 6 Page - OSRAM GmbH

Part # F0094V
Description  GaAs Infrared Light Emitting Diode (950 nm, 12 mil)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

F0094V Datasheet(HTML) 6 Page - OSRAM GmbH

  F0094V Datasheet HTML 1Page - OSRAM GmbH F0094V Datasheet HTML 2Page - OSRAM GmbH F0094V Datasheet HTML 3Page - OSRAM GmbH F0094V Datasheet HTML 4Page - OSRAM GmbH F0094V Datasheet HTML 5Page - OSRAM GmbH F0094V Datasheet HTML 6Page - OSRAM GmbH F0094V Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2002-02-04
6
F 0094U, F 0094V
Maßzeichnung
Chip Outlines
Maße werden als typische1) Werte wie folgt angegeben: mm (inch) / Dimensions are specified as typical1) values as
follows: mm (inch).
GMOY6080
p-contact
n-contact


Similar Part No. - F0094V

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
F009006 TRIPPLITE-F009006 Datasheet
474Kb / 2P
   FireWire IEEE 1394 Cable (4pin-4pin M-M) 6-ft
More results

Similar Description - F0094V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.9, 20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.0, 29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.3, 24-Aug-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 08-Mar-11
TSUS3400 VISHAY-TSUS3400 Datasheet
108Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.5, 25-Aug-11
TSUS5400 VISHAY-TSUS5400_11 Datasheet
111Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.8, 24-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com