Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSA5L Datasheet(PDF) 1 Page - Rohm

Part # RSA5L
Description  ESD Protection Devices (TVS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSA5L Datasheet(HTML) 1 Page - Rohm

  RSA5L Datasheet HTML 1Page - Rohm RSA5L Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSA5L
Diodes
1/1
ESD Protection Devices (TVS)
RSA5L
Description
Dimentions (Unit : mm)
RSA5L is small but high-power device encapsulated
in PMDS (4.5x2.6mm) package and
is high ESD-resisant device, suitable for
surge protection circuit in all appliances like consumer
electronics and automotive application.
Features
1) Small, power mold type.(PMDS)
2) High reliability.
Structure
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Peak pulse power(tp=10×1000µs)
Ppk
600
W
Stand-off voltage
VRWM
5.8
V
Junction temperature
Tj
150
Storage temperature
Tstg
-55 to +150
Electrical characteristic (Ta=25
°C)
Parameter
Symbol
Min.
Max.
Unit
Conditions
Breakdown voltage
VBR
6.45
7.14
V
IT=10mA
Clamping voltage
VC 10/1000µS
-
10.5
V
Ipp=57A
Reverse current
IR
-
800
µA
VRWM=5.8V
CATHODE MARK
Marking:
5 L 8 3
Type name(EX. RSA5L
5L)
Production year,month(EX.2008,03
83)
1.5
±0.2
2.6
±0.2
2.0
±0.2
0.1
±
0.02
0.1


Similar Part No. - RSA5L

ManufacturerPart #DatasheetDescription
logo
Rohm
RSA5L ROHM-RSA5L Datasheet
91Kb / 2P
   ESD Protection Devices (TVS)
RSA5L ROHM-RSA5L Datasheet
269Kb / 5P
   ESD Protection Devices
RSA5LTE25 ROHM-RSA5LTE25 Datasheet
91Kb / 2P
   ESD Protection Devices (TVS)
RSA5L ROHM-RSA5L_15 Datasheet
269Kb / 5P
   ESD Protection Devices
More results

Similar Description - RSA5L

ManufacturerPart #DatasheetDescription
logo
Rohm
RSA5LTE25 ROHM-RSA5LTE25 Datasheet
91Kb / 2P
   ESD Protection Devices (TVS)
logo
E-CMOS Corporation
ECSD0402V12 E-CMOS-ECSD0402V12 Datasheet
157Kb / 4P
   ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV12 LEIDITECH-PESD0603AV12 Datasheet
496Kb / 6P
   ESD Protection Devices
PESD0603AV24 LEIDITECH-PESD0603AV24 Datasheet
553Kb / 6P
   ESD Protection Devices
logo
Surge Components
ESDPSA0402V05 SURGE-ESDPSA0402V05 Datasheet
210Kb / 5P
   ESD Protection Devices
ESDPSA0603V24 SURGE-ESDPSA0603V24 Datasheet
208Kb / 5P
   ESD Protection Devices
logo
Nanjing International G...
ESDPSA0603V12-3.0 DGNJDZ-ESDPSA0603V12-3.0 Datasheet
227Kb / 5P
   ESD Protection Devices
logo
Rohm
RSA5L ROHM-RSA5L_15 Datasheet
269Kb / 5P
   ESD Protection Devices
logo
Tyco Electronics
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
   ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0563U015 LEIDITECH-PESD0563U015 Datasheet
1Mb / 6P
   ESD Protection Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com