Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G157GW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AUP1G157GW
Description  Low-power 2-input multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G157GW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G157GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G157GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G157GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G157GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G157GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G157GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G157GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G157GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G157GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74AUP1G157_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 5 February 2008
9 of 16
NXP Semiconductors
74AUP1G157
Low-power 2-input multiplexer
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3]
VCC = 0.8 V
-
2.6
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
2.7
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
2.8
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
2.9
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.4
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
4.0
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 8.
The data inputs (I0, I1) and common data select input (S) to output (Y) propagation delays
001aac658
I0, I1, S input
Y output
VI
VOH
VOL
VM
tPHL
tPLH
VM
GND
Table 9.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 3.0 ns


Similar Part No. - 74AUP1G157GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G157GW NXP-74AUP1G157GW Datasheet
82Kb / 16P
   Low-power 2-input multiplexer
Rev. 01-9 November 2006
logo
Nexperia B.V. All right...
74AUP1G157GW NEXPERIA-74AUP1G157GW Datasheet
267Kb / 17P
   Low-power 2-input multiplexer
Rev. 9 - 18 January 2022
More results

Similar Description - 74AUP1G157GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G157 NXP-74AUP2G157 Datasheet
113Kb / 20P
   Low-power 2-input multiplexer
Rev. 03-2 July 2008
74AUP1G157 NXP-74AUP1G157_06 Datasheet
82Kb / 16P
   Low-power 2-input multiplexer
Rev. 01-9 November 2006
74AUP1G157 PHILIPS-74AUP1G157_15 Datasheet
264Kb / 20P
   Low-power 2-input multiplexer
Rev. 5-22 June 2012
logo
Nexperia B.V. All right...
74AUP1G157-Q100 NEXPERIA-74AUP1G157-Q100 Datasheet
219Kb / 13P
   Low-power 2-input multiplexer
Rev. 2 - 4 November 2021
74AUP1G157 NEXPERIA-74AUP1G157 Datasheet
267Kb / 17P
   Low-power 2-input multiplexer
Rev. 9 - 18 January 2022
74AUP2G157 NEXPERIA-74AUP2G157 Datasheet
283Kb / 20P
   Low-power 2-input multiplexer
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP1G158 NXP-74AUP1G158 Datasheet
93Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
74AUP1G158 PHILIPS-74AUP1G158_15 Datasheet
203Kb / 19P
   Low-power 2-input multiplexer; inverting
Rev. 5-3 August 2012
logo
Nexperia B.V. All right...
74AUP1G158 NEXPERIA-74AUP1G158 Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com