Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC37136DP Datasheet(PDF) 4 Page - Texas Instruments

Part # UC37136DP
Description  DUAL OUTPUT SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC37136DP Datasheet(HTML) 4 Page - Texas Instruments

  UC37136DP Datasheet HTML 1Page - Texas Instruments UC37136DP Datasheet HTML 2Page - Texas Instruments UC37136DP Datasheet HTML 3Page - Texas Instruments UC37136DP Datasheet HTML 4Page - Texas Instruments UC37136DP Datasheet HTML 5Page - Texas Instruments UC37136DP Datasheet HTML 6Page - Texas Instruments UC37136DP Datasheet HTML 7Page - Texas Instruments UC37136DP Datasheet HTML 8Page - Texas Instruments UC37136DP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UC27136, UC37136
DUAL OUTPUT SWITCH
SLUS447 - FEBRUARY 2000 - REVISED JULY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
TRUTHTABLE
INV2
IN2
Switch 2
Low
Low
Off
High
Low
On
Low
High
On
High
High
Off
turn on delay
The NPN output switches remains off until the external capacitor connected to CDEL charges up to the internal
threshold voltage of 4 V with a charging current of 2.5
µA. This off condition is independent of the state of the
input logic pins IN1, IN2, and INV2. This capacitor charging imparts a delay time on the outputs that is equal
to approximately 1.6 ms/nF. As an example, a 0.1-
µF capacitor connected to CDEL results in a 160 ms turnon
delay after VCC crosses the 8-V UVLO threshold. If VCC drops below the 7.5-V hysteresis threshold, the CDEL
capacitor is discharged immediately and both outputs turn off. The CDEL pin can also be externally driven low
to restart the turnon delay sequence. The minimum acceptable value for the CDEL capacitor, when driving a
capacitive load, is determined by:
CDEL
(MIN)
+
C
LOAD
V
LOAD
2445
(1)
Where CLOAD is equal to the output capacitive load and VLOAD is equal to the voltage rail of the output load.
The maximum switching frequency to drive a capacitive load, CLOAD, is given by:
f
(MAX) +
1
9.4
CDEL
1
* e
*C
LOAD
V
LOAD
5
103
CDEL
) C
LOAD
V
LOAD
(2)
overcurrent indication
The open collector output SD pin can be used to drive an LED to signal when an overload condition is present.
The LED turns on, through an external pullup, when the outputs are shut down due to an overcurrent. The
maximum SD current is 8 mA.


Similar Part No. - UC37136DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC37131 TI-UC37131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC37131 TI-UC37131 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
UC37131D TI1-UC37131D Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC37131DG4 TI1-UC37131DG4 Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC37132 TI-UC37132 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
More results

Similar Description - UC37136DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP43102 VISHAY-SIP43102 Datasheet
86Kb / 6P
   Dual Output Power Switch
Rev. C, 28-Feb-05
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Fairchild Semiconductor
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
   Dual-Output Current Limit Switch
logo
Allegro MicroSystems
3235 ALLEGRO-3235 Datasheet
73Kb / 8P
   DUAL-OUTPUT HALL-EFFECT SWITCH
logo
Standex Electronics, In...
MFM7-DHS1-5KCD4 STANDEX-MFM7-DHS1-5KCD4 Datasheet
632Kb / 3P
   Dual Output Hall Switch Sensor
Rev BBD
S12-DHS1-5KSA5 STANDEX-S12-DHS1-5KSA5 Datasheet
625Kb / 3P
   Dual Output Hall Switch Sensor
Rev BCD
S63B-DHS1-5KCB2A STANDEX-S63B-DHS1-5KCB2A Datasheet
590Kb / 3P
   Dual Output Hall Switch Sensor
Rev BCB
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com