Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T230W Datasheet(PDF) 1 Page - Texas Instruments

Part # PTH08T230W
Description  6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T230W Datasheet(HTML) 1 Page - Texas Instruments

  PTH08T230W_07 Datasheet HTML 1Page - Texas Instruments PTH08T230W_07 Datasheet HTML 2Page - Texas Instruments PTH08T230W_07 Datasheet HTML 3Page - Texas Instruments PTH08T230W_07 Datasheet HTML 4Page - Texas Instruments PTH08T230W_07 Datasheet HTML 5Page - Texas Instruments PTH08T230W_07 Datasheet HTML 6Page - Texas Instruments PTH08T230W_07 Datasheet HTML 7Page - Texas Instruments PTH08T230W_07 Datasheet HTML 8Page - Texas Instruments PTH08T230W_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
PTH08T230W, PTH08T231W
SLTS265F – NOVEMBER 2005 – REVISED MAY 2007
www.ti.com
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED,
WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans™
2
• Up to 6-A Output Current
• TurboTrans™ Technology
• 4.5-V to 14-V Input Voltage
• Designed to meet Ultra-Fast Transient
Requirements up to 300 A/s
• Wide-Output Voltage Adjust (0.69 V to 5.5 V)
• SmartSync Technology
• ±1.5% Total Output Voltage Variation
• Efficiencies up to 95%
• Output Overcurrent Protection
• Complex Multi-Voltage Systems
(Nonlatching, Auto-Reset)
• Microprocessors
• Operating Temperature: –40°C to 85°C
• Bus Drivers
• Safety Agency Approvals
UL/IEC/CSA-C22.2 60950-1
• Prebias Startup
• On/Off Inhibit
• Differential Output Voltage Remote Sense
• Adjustable Undervoltage Lockout
• Auto-Track™ Sequencing
• Ceramic Capacitor Version (PTH08T231W)
The PTH08T230/231W is the higher input voltage (4.5V to 14V) version of the PTH04T230/231W (2.2V to 5.5V),
6-A rated, non-isolated power module. This regulator represents the 2nd generation of the PTH series of power
modules which include a reduced footprint and improved features. The PTH08T231W is optimized to be used in
applications requiring all ceramic capacitors.
Operating from an input voltage range of 4.5V to 14V, the PTH08T230/231W requires a single resistor to set the
output voltage to any value over the range, 0.69V to 5.5V. The wide input voltage range makes the
PTH08T230/231W particularly suitable for advanced computing and server applications that use a loosely
regulated 8-V to 12-V intermediate distribution bus. Additionally, the wide input voltage range increases design
flexibility by supporting operation with tightly regulated 5-V, 8-V, or 12-V intermediate bus architectures.
The module incorporates a comprehensive list of features. Output over-current and over-temperature shutdown
protects against most load faults. A differential remote sense ensures tight load regulation. An adjustable
under-voltage lockout allows the turn-on voltage threshold to be customized. Auto-Track™ sequencing is a
popular feature that greatly simplifies the simultaneous power-up and power-down of multiple modules in a
power system.
The PTH08T230/231W includes new patent pending technologies, TurboTrans™ and SmartSync. The
TurboTrans feature optimizes the transient response of the regulator while simultaneously reducing the quantity
of external output capacitors required to meet a target voltage deviation specification. Additionally, for a target
output capacitor bank, TurboTrans can be used to significantly improve the regulator's transient response by
reducing the peak voltage deviation. SmartSync allows for switching frequency synchronization of multiple
modules, thus simplifying EMI noise suppression tasks and reduces input capacitor RMS current requirements.
Double-sided surface mount construction provides a low profile and compact footprint. Package options include
both through-hole and surface mount configurations that are lead (Pb) - free and RoHS compatible.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TurboTrans, Auto-Track, TMS320 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH08T230W_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T230WAD TI-PTH08T230WAD Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230WAS TI-PTH08T230WAS Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230WAZ TI-PTH08T230WAZ Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
More results

Similar Description - PTH08T230W_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_10 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_07 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com