Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61181RTET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61181RTET
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61181RTET Datasheet(HTML) 2 Page - Texas Instruments

  TPS61181RTET Datasheet HTML 1Page - Texas Instruments TPS61181RTET Datasheet HTML 2Page - Texas Instruments TPS61181RTET Datasheet HTML 3Page - Texas Instruments TPS61181RTET Datasheet HTML 4Page - Texas Instruments TPS61181RTET Datasheet HTML 5Page - Texas Instruments TPS61181RTET Datasheet HTML 6Page - Texas Instruments TPS61181RTET Datasheet HTML 7Page - Texas Instruments TPS61181RTET Datasheet HTML 8Page - Texas Instruments TPS61181RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
L1
10 H
m
Q1
D2
D1
C2
4.7 F
m
IFB1
IFB2
IFB3
IFB4
IFB5
IFB6
VO
SW
Fault
VBAT
Cin
EN
DCTRL
ISET
PGND
GND
R1
62kW
TPS61181/2
C4
0.1 F
m
Optional
5 Vto 24 V
C1
4.7 F
m
10 WLEDinseries,120 mA total
EN
PWMDimming
R2
51
C3
1 F
m
R3
100kW
TPS61180/1/2
SLVS801A – DECEMBER 2007 – REVISED MARCH 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Figure 1. TPS61181/2 TYPICAL APPLICATION
ORDERING INFORMATION(1)
PACKAGE
IC SUPPLY
SWITCHING FREQUENCY
PACKAGE MARKING
(TYP)
TPS61180RTE
External 3.3 V
1.0 MHz
CCG
TPS61181RTE
Built-in LDO
1.0 MHz
CCH
TPS61182RTE
Built-in LDO
1.3 MHz
CCI
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61180/1/2


Similar Part No. - TPS61181RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61181RTET TI1-TPS61181RTET Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61181RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com