Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C513T14I15T Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT28C513T14I15T
Description  512K-Bit CMOS PARALLEL EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C513T14I15T Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT28C513T14I15T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C513T14I15T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C513T14I15T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C513T14I15T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C513T14I15T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C513T14I15T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C513T14I15T Datasheet HTML 9Page - Catalyst Semiconductor CAT28C513T14I15T Datasheet HTML 10Page - Catalyst Semiconductor CAT28C513T14I15T Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CAT28C512/513
9
Doc. No. 1007, Rev . A
Note:
(1)
Write protection is activated at this point whether or not any more writes are completed. Writing to addresses must occur within tBLC
Max., after SDP activation.
HARDWARE DATA PROTECTION
The following is a list of hardware data protection fea-
tures that are incorporated into the CAT28C512/513.
(1) VCC sense provides for write protection when VCC
falls below 3.5V min.
(2) A power on delay mechanism, tINIT (see AC charac-
teristics), provides a 5 to 10 ms delay before a write
sequence, after VCC has reached 3.5V min.
(3) Write inhibit is activated by holding any one of
OE
low,
CE high or WE high.
(4) Noise pulses of less than 20 ns on the
WE or CE
inputs will not result in a write cycle.
SOFTWARE DATA PROTECTION
The CAT28C512/513 features a software controlled
data protection scheme which, once enabled, requires a
data algorithm to be issued to the device before a write
can be performed. The device is shipped from Catalyst
with the software protection NOT ENABLED (the
CAT28C512/513 is in the standard operating mode).
Figure 9. Write Sequence for Activating Software
Data Protection
Figure 10. Write Sequence for Deactivating
Software Data Protection
5096 FHD F08
5096 FHD F09
SOFTWARE DATA
PROTECTION ACTIVATED
(12)
WRITE DATA:
XX
WRITE LAST BYTE
TO
LAST ADDRESS
TO ANY ADDRESS
WRITE DATA:
AA
ADDRESS:
5555
WRITE DATA:
55
ADDRESS:
2AAA
WRITE DATA:
A0
ADDRESS:
5555
(1)
WRITE DATA:
AA
ADDRESS:
5555
WRITE DATA:
55
ADDRESS:
2AAA
WRITE DATA:
80
ADDRESS:
5555
WRITE DATA:
AA
ADDRESS:
5555
WRITE DATA:
55
ADDRESS:
2AAA
WRITE DATA :
20
ADDRESS:
5555


Similar Part No. - CAT28C513T14I15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C513 CATALYST-CAT28C513 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C513 CATALYST-CAT28C513 Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C513 ONSEMI-CAT28C513 Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
CAT28C513G-12T ONSEMI-CAT28C513G-12T Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
CAT28C513G-15T ONSEMI-CAT28C513G-15T Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
More results

Similar Description - CAT28C513T14I15T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C512 ONSEMI-CAT28C512 Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
logo
Catalyst Semiconductor
CAT28C512 CATALYST-CAT28C512_04 Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
logo
ON Semiconductor
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2812A SII-S-2812A Datasheet
1,007Kb / 18P
   CMOS 16K-bit PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com