Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75225QPWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75225QPWP
Description  RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75225QPWP Datasheet(HTML) 1 Page - Texas Instruments

  TPS75225QPWP Datasheet HTML 1Page - Texas Instruments TPS75225QPWP Datasheet HTML 2Page - Texas Instruments TPS75225QPWP Datasheet HTML 3Page - Texas Instruments TPS75225QPWP Datasheet HTML 4Page - Texas Instruments TPS75225QPWP Datasheet HTML 5Page - Texas Instruments TPS75225QPWP Datasheet HTML 6Page - Texas Instruments TPS75225QPWP Datasheet HTML 7Page - Texas Instruments TPS75225QPWP Datasheet HTML 8Page - Texas Instruments TPS75225QPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
Typical Application Circuit
PGor
RESET
OUT
OUT
4
3
5
IN
IN
EN
GND
17
6
8
9
V
IN
0.22 F
m
PGor RESET Output
V
OUT
47 F
m
+
C
OUT
(1)
SENSE
7
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
www.ti.com
TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
23
• 2-A Low-Dropout Voltage Regulator
The
TPS752xxQ
and
TPS754xxQ
devices
are
low-dropout regulators with integrated power-on reset
• Available in 1.5 V, 1.8 V, 2.5 V, 3.3 V Fixed
and power-good (PG) functions respectively. These
Output and Adjustable Versions
devices are capable of supplying 2 A of output
• Open Drain Power-On Reset With 100ms Delay
current with a dropout of 210 mV (TPS75233Q,
(TPS752xxQ)
TPS75433Q). Quiescent current is 75
μA at full load
• Open Drain Power-Good (PG) Status Output
and drops down to 1
μA when the device is disabled.
(TPS754xxQ)
These devices are designed to have fast transient
response for larger load current changes.
• Dropout Voltage Typically 210 mV at 2 A
(TPS75233Q)
Because the PMOS device behaves as a low-value
resistor, the dropout voltage is very low (typically
• Ultralow 75-μA Typical Quiescent Current
210 mV at an output current of 2 A for the
• Fast Transient Response
TPS75x33Q) and is directly proportional to the output
• 2% Tolerance Over Specified Conditions for
current.
Additionally,
because
the
PMOS
pass
Fixed-Output Versions
element is a voltage-driven device, the quiescent
current is very low and independent of output loading
• 20-Pin TSSOP PowerPAD™ (PWP) Package
(typically 75
μA over the full range of output current,
• Thermal Shutdown Protection
1 mA to 2 A). These two key specifications yield a
significant
improvement
in
operating
life
for
battery-powered systems.
• Telecom
The device is enabled when EN is connected to a
• Servers
low-level input voltage. This LDO family also features
• DSP, FPGA Supplies
a sleep mode; applying a TTL high signal to EN
(enable) shuts down the regulator, reducing the
quiescent current to less than 1
μA at TJ = +25°C.
blank
blank
(Fixed Voltage Options)
(1)
See Application Information for capacitor selection details.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS75225QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75225QPWP TI-TPS75225QPWP Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75225QPWP TI1-TPS75225QPWP Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75225QPWP TI1-TPS75225QPWP Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75225QPWP TI1-TPS75225QPWP Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75225QPWPG4 TI1-TPS75225QPWPG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75225QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI1-TPS752XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101 TI1-TPS75101 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com