Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75218QPWPG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75218QPWPG4
Description  RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75218QPWPG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS75218QPWPG4 Datasheet HTML 7Page - Texas Instruments TPS75218QPWPG4 Datasheet HTML 8Page - Texas Instruments TPS75218QPWPG4 Datasheet HTML 9Page - Texas Instruments TPS75218QPWPG4 Datasheet HTML 10Page - Texas Instruments TPS75218QPWPG4 Datasheet HTML 11Page - Texas Instruments TPS75218QPWPG4 Datasheet HTML 12Page - Texas Instruments TPS75218QPWPG4 Datasheet HTML 13Page - Texas Instruments TPS75218QPWPG4 Datasheet HTML 14Page - Texas Instruments TPS75218QPWPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
0
3
200
150
100
3.5
2.5
50
4.5
5
250
300
350
4
V
InputVoltage
V
-
-
IN
T =+25 C
J
°
T =+125 C
J
°
T = 40 C
-
J
°
I
OUT =2A
0
200
150
100
50
250
300
-
40
10
160
60
110
T
JunctionTemperature
C
J -
- °
I
OUT =2A
I
OUT =0.5A
I
OUT =1.5A
3.0
2.7
2.0
1.5
1.75
2
2.25
2.5
2.75
4.0
3
3.25
3.5
T = 40 C
-
A
°
I
OUT =2A
V
OutputVoltage
V
-
-
OUT
T =+25 C
A
°
T =+125 C
A
°
4
100
0
0
3
-
100
t
Time
ms
-
-
0.1
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.2
I
=2A
C
=100 F
V
=1.5V
OUT
OUT
OUT
m
dV
dT
=
1V
s
m
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C) unless otherwise noted. Typical values are at TJ = +25°C.
TPS75x01Q
TPS75x33Q
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs INPUT VOLTAGE
vs JUNCTION TEMPERATURE
Figure 11.
Figure 12.
INPUT VOLTAGE (MIN)
TPS75x15Q
vs OUTPUT VOLTAGE
LINE TRANSIENT RESPONSE
Figure 13.
Figure 14.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS75218QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75218QPWPG4 TI1-TPS75218QPWPG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75218QPWPG4 TI1-TPS75218QPWPG4 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75218QPWPG4 TI1-TPS75218QPWPG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75218QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI1-TPS752XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101 TI1-TPS75101 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com