Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCYR2060-5 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DCYR2060-5
Description  VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DCYR2060-5 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DCYR2060-5 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DCYR2060-5 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DCYR2060-5 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
200 - 600 MHz
YIG Replacement Series
VOLTAGE CONTROLLED OSCILLATOR
SURFACE MOUNT MODEL: DCYR2060-5
FEATURES:
Exceptional Phase Noise Performance
Small Size, Surface Mount
Lead Free REL-PRO® Technology
Buffered Output
Phase Noise
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
100
1000
10000
100000
1000000
10000000
Offset Frequency (Hz)
200 MHz/2V
251.7MHz/5V
480.3MHz/15.75V
467.4MHz/15V
546.4MHz/20V
600.3MHz/24.24V
SPECIFICATIONS (Rev. D 10/23/06)
Frequency
200 - 600 MHz
Tuning Voltage
See table below.
Bias Voltage
+5 VDC @ 65 mA (Max.)
Output Power
+5 dBm (Min.)
Tuning Sensitivity
14 - 28 MHz/V (Typ.)
Output Impedance
50 Ohms (Nom)
Harmonic Suppression
12 dB (Typ.)
Frequency Pulling
3 MHz (Typ.)
Frequency Pushing
1 MHz/V (Typ.)
Phase Noise @ 10 kHz
-119 dBc/Hz (Typ.)
Operating Temperature Range
-40 to +85 °C
Guaranteed Tuning Specifications
Tuning Voltage ( V )
Frequency ( MHz )
0.5
200 (Max)
5
240 (Min)
12
330 (Min)
15
485 (Min)
18
535 (Min)
24
585 (Min)
28
600 (Min)
Package #
320LF


Similar Part No. - DCYR2060-5

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCYR50125-10 SYNERGY-DCYR50125-10 Datasheet
391Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - DCYR2060-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ROS-2432-119++ MINI-ROS-2432-119+ Datasheet
243Kb / 2P
   Surface Mount Voltage Controlled Oscillator
JTOS-300P MINI-JTOS-300P Datasheet
207Kb / 2P
   Surface Mount Voltage Controlled Oscillator
ROS-1000PV MINI-ROS-1000PV Datasheet
237Kb / 2P
   Surface Mount Voltage Controlled Oscillator
logo
List of Unclassifed Man...
SMD914V ETC-SMD914V Datasheet
187Kb / 1P
   Surface Mount Voltage Controlled Oscillator
logo
Z-Communications, Inc
V846ME01-LF ZCOMM-V846ME01-LF_10 Datasheet
83Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V805ME24 ZCOMM-V805ME24_10 Datasheet
88Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V602ME04 ZCOMM-V602ME04_10 Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
SMV0285A ZCOMM-SMV0285A_10 Datasheet
74Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
CRO5700Z1 ZCOMM-CRO5700Z1 Datasheet
99Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V585ME28-LF ZCOMM-V585ME28-LF_10 Datasheet
92Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com