Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61182RTE Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS61182RTE
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61182RTE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61182RTE Datasheet HTML 7Page - Texas Instruments TPS61182RTE Datasheet HTML 8Page - Texas Instruments TPS61182RTE Datasheet HTML 9Page - Texas Instruments TPS61182RTE Datasheet HTML 10Page - Texas Instruments TPS61182RTE Datasheet HTML 11Page - Texas Instruments TPS61182RTE Datasheet HTML 12Page - Texas Instruments TPS61182RTE Datasheet HTML 13Page - Texas Instruments TPS61182RTE Datasheet HTML 14Page - Texas Instruments TPS61182RTE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
DETAILED DESCRIPTION
SUPPLY VOLTAGE
BOOST REGULATOR
TPS61180/1/2
SLVS801A – DECEMBER 2007 – REVISED MARCH 2008
Recently, WLEDs have gained popularity as an alternative to CCFL for backlighting media size LCD displays.
The advantages of WLEDs are power efficiency and low profile design. Due to the large number of WLEDs, they
are often arranged in series and parallel, and powered by a boost regulator with multiple current sink regulators.
Having more WLEDs in series reduces the number of parallel strings and therefore improves overall current
matching. However, the efficiency of the boost regulator declines due to the need for high output voltage. Also,
there have to be enough WLEDs in series to ensure the output voltage stays above the input voltage range.
Otherwise, a buck-boost (for example, SEPIC) power converter has to be adopted which could be more
expensive and complicated.
The TPS61180/1/2 family of ICs have integrated all the key function blocks to power and control up to 60
WLEDs. The devices include a 40V/1.5A boost regulator, six 25mA current sink regulators and protection circuit
for over-current, over-voltage and short circuit failures. The key advantages of the devices are small solution
size, low output AC ripple during PWM dimming control, and the capability to isolate the input and output during
fault conditions.
The TPS61181/2 ICs have built-in LDO linear regulator to supply the IC analog and logic circuit. The LDO is
powered up when the EN pin is high. The output of the LDO is connected to the Cin pin. A 0.1
µF bypass
capacitor is required for LDO’s stable operation. Do not connect the Cin pin to the EN pin because this prevents
the IC from starting up. In addition, avoid connecting the Cin pin to any other circuit as this could introduce noise
into the IC supply voltage.
The TPS61180 has no built-in LDO linear regulator, and therefore requires an external supply voltage in the
range of 2.7V to 3.6V connected to the Cin pin. The benefit of using external supply is to reduce the power
losses incurred by the LDO as it provides the IC supply current. This loss could become a significant percentage
of total output power under light load condition. The Cin pin has 2.2V (typical) under-voltage lock out which turns
off the IC when the Cin pin voltage is below this threshold.
The voltage on the VBAT pin is the reference for the pull-up circuit of the Fault pin. In addition, it also serves as
the input signal to the short circuit protection. For TPS61181/2 ICs, the VBAT connects to the input of the internal
LDO, and powers the IC. There is an under-voltage lockout on the VBAT pin which disables the IC when its
voltage reduces to 4.2V (Typical). The IC restarts when the VBAT pin voltage recovers by 300mV.
The boost regulator is controlled by current mode PWM, and loop compensation is integrated inside the IC. The
internal compensation ensures stable output over the full input and output voltage range. The TPS61180/1
switches at 1.0MHz, and the TPS61182 switches at 1.3MHz. The switching frequencies of the two devices,
including their tolerance, due not over-lap. Therefore, in the unlikely event that one device creates
electromagnetic inference to the system; the other device, switching at a different frequency, can provide an
alternative solution.
The output voltage of the boost regulator is automatically set by the IC to minimize the voltage drop across the
IFB pins. The IC automatically regulates the lowest IFB pin to 400mV, and consistently adjusts the boost output
voltage to account for any changes of the LED forward voltages.
When the output voltage is too close to the input, the boost regulator may not be able to regulate the output due
to the limitation of minimum duty cycle. In this case, increase the number of WLED in series or include series
ballast resistors in order to provide enough headroom for the boost operation.
The TPS61180/1/2 boost regulators cannot regulate their outputs to voltages below 15V.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61180/1/2


Similar Part No. - TPS61182RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61182RTE TI1-TPS61182RTE Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61182RTER TI1-TPS61182RTER Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61182RTERG4 TI1-TPS61182RTERG4 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61182RTET TI1-TPS61182RTET Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61182RTETG4 TI1-TPS61182RTETG4 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61182RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com