Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C513TA12T Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT28C513TA12T
Description  512K-Bit CMOS PARALLEL EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C513TA12T Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT28C513TA12T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C513TA12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C513TA12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C513TA12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C513TA12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C513TA12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C513TA12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C513TA12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C513TA12T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
CAT28C512/513
512K-Bit CMOS PARALLEL EEPROM
FEATURES
s Fast Read Access Times: 120/150 ns
s Low Power CMOS Dissipation:
–Active: 50 mA Max.
–Standby: 200
µA Max.
s Simple Write Operation:
–On-Chip Address and Data Latches
–Self-Timed Write Cycle with Auto-Clear
s Fast Write Cycle Time:
–5ms Max
s CMOS and TTL Compatible I/O
s Automatic Page Write Operation:
–1 to 128 Bytes in 5ms
–Page Load Timer
s End of Write Detection:
–Toggle Bit
DATA
DATA
DATA
DATA
DATA Polling
s Hardware and Software Write Protection
s 100,000 Program/Erase Cycles
s 100 Year Data Retention
s Commercial, Industrial and Automotive
Temperature Ranges
DESCRIPTION
The CAT28C512/513 is a fast,low power, 5V-only CMOS
parallel EEPROM organized as 64K x 8-bits. It requires
a simple interface for in-system programming. On-chip
address and data latches, self-timed write cycle with
auto-clear and VCC power up/down write protection
eliminate additional timing and protection hardware.
DATA Polling and Toggle status bits signal the start and
end of the self-timed write cycle. Additionally, the
CAT28C512/513 features hardware and software write
protection.
The CAT28C512/513 is manufactured using Catalyst’s
advanced CMOS floating gate technology. It is designed
to endure 100,000 program/erase cycles and has a data
retention of 100 years. The device is available in JEDEC
approved 32-pin DIP, PLCC, 32-pin TSOP and 40-pin
TSOP packages.
BLOCK DIAGRAM
5096 FHD F02
© 2001 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ADDR. BUFFER
& LATCHES
ADDR. BUFFER
& LATCHES
INADVERTENT
WRITE
PROTECTION
CONTROL
TIMER
ROW
DECODER
COLUMN
DECODER
HIGH VOLTAGE
GENERATOR
A7–A15
CE
OE
WE
A0–A6
I/O0–I/O7
I/O BUFFERS
65,536 x 8
E2PROM
ARRAY
128 BYTE PAGE
REGISTER
VCC
DATA POLLING
AND
TOGGLE BIT
Doc. No. 1007, Rev. A


Similar Part No. - CAT28C513TA12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C513 CATALYST-CAT28C513 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C513 CATALYST-CAT28C513 Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C513 ONSEMI-CAT28C513 Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
CAT28C513G-12T ONSEMI-CAT28C513G-12T Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
CAT28C513G-15T ONSEMI-CAT28C513G-15T Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
More results

Similar Description - CAT28C513TA12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C512 ONSEMI-CAT28C512 Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
logo
Catalyst Semiconductor
CAT28C512 CATALYST-CAT28C512_04 Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
logo
ON Semiconductor
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2812A SII-S-2812A Datasheet
1,007Kb / 18P
   CMOS 16K-bit PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com