Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61181RTE Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61181RTE
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61181RTE Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61181RTE Datasheet HTML 6Page - Texas Instruments TPS61181RTE Datasheet HTML 7Page - Texas Instruments TPS61181RTE Datasheet HTML 8Page - Texas Instruments TPS61181RTE Datasheet HTML 9Page - Texas Instruments TPS61181RTE Datasheet HTML 10Page - Texas Instruments TPS61181RTE Datasheet HTML 11Page - Texas Instruments TPS61181RTE Datasheet HTML 12Page - Texas Instruments TPS61181RTE Datasheet HTML 13Page - Texas Instruments TPS61181RTE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
V
100mV/div, AC
O
Inductor
Current
1 A/div,DC
t-Time-2
s/div
m
DCTRL
5V/div,DC
V
100mV/div, AC
bat
SW
20V/div,DC
V
100mV/div, AC
O
Inductor
Current
1 A/div,DC
t-Time-1 s/div
m
Fault
5V/div,DC
V
20V/div,DC
O
Inductor
Current
1 A/div,DC
t-Time-1s/div
V
20V/div,DC
O
Inductor
Current
5 A/div,DC
Fault
5V/div,DC
t-Time-100 s/div
m
V
10V/div,DC
O
Inductor
Current
1 A/div,DC
t-Time-10
s/div
m
EN
5V/div,DC
WLED
Current
20mA/div,DC
TPS61180/1/2
SLVS801A – DECEMBER 2007 – REVISED MARCH 2008
SWITCHING WAVEFORM
OUTPUT RIPPLE AT PWM DIMMING CO=4.7µF
Figure 11.
Figure 12.
OUTPUT SHORT PROTECTION
OPEN WLED PROTECTION
Figure 13.
Figure 14.
STARTUP WAVEFORM
Figure 15.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61180/1/2


Similar Part No. - TPS61181RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61181RTE TI1-TPS61181RTE Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181RTER TI1-TPS61181RTER Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181RTERG4 TI1-TPS61181RTERG4 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181RTET TI1-TPS61181RTET Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61181RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com