Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G125DCKRE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC1G125DCKRE4
Description  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC1G125DCKRE4 Datasheet(HTML) 3 Page - Texas Instruments

  74LVC1G125DCKRE4 Datasheet HTML 1Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G125DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
SN74LVC1G125
SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUT
SCES223O – APRIL 1999 – REVISED FEBRUARY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
DBV package
206
DCK package
252
θ
JA
Package thermal impedance(4)
DRL package
142
°C/W
DRY package
234
YZP package
132
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
3
Submit Documentation Feedback


Similar Part No. - 74LVC1G125DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G125DCKRE4 TI-74LVC1G125DCKRE4 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DCKRE4 TI-74LVC1G125DCKRE4 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DCKRE4 TI1-74LVC1G125DCKRE4 Datasheet
1Mb / 37P
[Old version datasheet]   SN74LVC1G125 Single Bus Buffer Gate With 3-State Output
74LVC1G125DCKRE4 TI1-74LVC1G125DCKRE4 Datasheet
2Mb / 43P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
More results

Similar Description - 74LVC1G125DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com