Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STG3692QTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG3692QTR
Description  Low voltage high bandwidth quad SPDT switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3692QTR Datasheet(HTML) 3 Page - STMicroelectronics

  STG3692QTR Datasheet HTML 1Page - STMicroelectronics STG3692QTR Datasheet HTML 2Page - STMicroelectronics STG3692QTR Datasheet HTML 3Page - STMicroelectronics STG3692QTR Datasheet HTML 4Page - STMicroelectronics STG3692QTR Datasheet HTML 5Page - STMicroelectronics STG3692QTR Datasheet HTML 6Page - STMicroelectronics STG3692QTR Datasheet HTML 7Page - STMicroelectronics STG3692QTR Datasheet HTML 8Page - STMicroelectronics STG3692QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STG3692
Pin settings
3/18
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top through view)
1.2
Pin description
Note:
Exposed pad must be soldered to a floating plane. Do NOT connect to power or ground.
Table 1. Pin description
Pin N°
Symbol
Name and function
15,1,
4,6,
7,9,
12,14
1S1, 1S2,
2S1, 2S2,
3S1, 3S2,
4S1, 4S2
Independent channels
16,5,8,13
D1, D2, D3, D4
Common channels
3, 10
1-2SEL,
3-4SEL
Control
2VCC
Possitive supply voltage


Similar Part No. - STG3692QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
   LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3690 STMICROELECTRONICS-STG3690 Datasheet
523Kb / 12P
   LOW VOLTAGE 5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3690QTR STMICROELECTRONICS-STG3690QTR Datasheet
171Kb / 11P
   LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3690QTR STMICROELECTRONICS-STG3690QTR Datasheet
523Kb / 12P
   LOW VOLTAGE 5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3690TTR STMICROELECTRONICS-STG3690TTR Datasheet
171Kb / 11P
   LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results

Similar Description - STG3692QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3693 STMICROELECTRONICS-STG3693 Datasheet
309Kb / 17P
   Low voltage high bandwidth Quad SPDT switch
STG3693 STMICROELECTRONICS-STG3693_1 Datasheet
295Kb / 18P
   Low voltage high bandwidth Quad SPDT switch
STG3682 STMICROELECTRONICS-STG3682 Datasheet
303Kb / 19P
   Low voltage high bandwidth dual SPDT switch
STG3220 STMICROELECTRONICS-STG3220 Datasheet
497Kb / 23P
   Low voltage high bandwidth dual SPDT switch
May 2009 Rev 1
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430 Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
logo
Vishay Siliconix
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
logo
STMicroelectronics
STG3820 STMICROELECTRONICS-STG3820 Datasheet
485Kb / 20P
   Low voltage high bandwidth quad DPDT switch
August 2013 Rev 4
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com