Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTP-628Y302 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTP-628Y302
Description  2??HIGH SPEED THERMAL PRINTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-628Y302 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTP-628Y302 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-628Y302 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FTP-628MCL053/054
s DIMENSIONS
1. Printer mechanism
Unit: mm
Note: 1. Dimensions are nominal value (tolerance
±5 unless otherwise specified).
2. Platen unit (lever, platen, etc) moves by approximately 0.7mm toward paper insertion direction when platen is
open.
FTP-628MCL054
FTP-628MCL053
2. Interface board
Unit: mm


Similar Part No. - FTP-628Y302

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
323Kb / 6P
   BATTERY DRIVER, FTP-608 Series(2inch high speed thermal printer) - Vertical Easy Loading Method
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
220Kb / 6P
   HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628Y302 FUJITSU-FTP-628Y302 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
More results

Similar Description - FTP-628Y302

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
   24V driven High speed thermal printer
FTP-627MCL401 FUJITSU-FTP-627MCL401 Datasheet
379Kb / 8P
   24V driveN high speed thermal printer
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
FTP-628MCL103 FUJITSU-FTP-628MCL103 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
FTP-637MCL103 FUJITSU-FTP-637MCL103 Datasheet
220Kb / 6P
   HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
   24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
   Portable Thermal Printer
logo
Fujitsu Component Limit...
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
   FUJITSU THERMAL PRINTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com