Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54F283 Datasheet(PDF) 3 Page - Texas Instruments

Part No. SN54F283
Description  4-BIT BINARY FULL ADDERS WITH FAST CARRY
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54F283 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN54F283, SN74F283
4BIT BINARY FULL ADDERS
WITH FAST CARRY
SDFS069A − D2932, MARCH 1987 − REVISED OCTOBER 1993
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
FUNCTION TABLE
OUTPUTS
INPUTS
WHEN C0 = L
WHEN C0 = H
INPUTS
WHEN C2 = L
WHEN C2 = H
A1
B1
A2
B2
Σ1
Σ2
C2
Σ1
Σ2
C2
A3
B3
A4
B4
Σ3
Σ4
C4
Σ3
Σ4
C4
L
L
L
L
L
L
L
H
L
L
H
L
L
L
H
L
L
L
H
L
L
H
L
L
H
L
L
L
H
L
H
H
L
L
L
H
L
H
H
L
L
L
H
L
L
H
L
H
H
L
H
L
H
L
H
H
L
L
L
H
L
H
H
L
H
H
L
L
L
H
H
H
H
L
L
L
H
H
L
H
L
L
L
H
L
H
L
H
H
L
H
L
L
H
H
H
L
L
L
H
L
H
L
H
H
H
L
L
L
H
H
H
L
H
L
L
H
H
L
H
L
L
H
H
L
L
H
H
L
H
H
L
H
H
H
L
H
L
H
H
L
H
H
H
H
L
H
L
H
H
H
H
H
H
L
H
H
H
H
H
NOTE: Input conditions at A1, B1, A2, B2, and C0 are used to determine outputs
Σ1
and
Σ2 and the value of the internal carry C2. The values at C2, A3, B3, A4,
and B4 are then used to determine outputs
Σ3, Σ4, and C4.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Note 1)
−1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range
−30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state
−0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54F283
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74F283
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn